Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6717TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 11Page - STMicroelectronics L6717TR Datasheet HTML 12Page - STMicroelectronics L6717TR Datasheet HTML 13Page - STMicroelectronics L6717TR Datasheet HTML 14Page - STMicroelectronics L6717TR Datasheet HTML 15Page - STMicroelectronics L6717TR Datasheet HTML 16Page - STMicroelectronics L6717TR Datasheet HTML 17Page - STMicroelectronics L6717TR Datasheet HTML 18Page - STMicroelectronics L6717TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
L6717
Electrical specifications
Doc ID 17326 Rev 1
15/56
3.2
Electrical characteristics
VCC=12 V±15%, TJ = 0 °C to 70 °C unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
ICC
VCC supply current
OSC = GND
15
mA
ICCDR
VCCDR supply current
4
mA
IBOOTx
BOOTx supply current
1.5
mA
UVLOVCC
VCC turn-ON
VCC rising
4.5
V
VCC turn-OFF
VCC falling
4
V
Oscillator
FSW
Main oscillator accuracy
180
200
220
kHz
Oscillator adjustability
ROSC = 36kΩ
425
500
575
kHz
ΔV
OSC
PWM ramp amplitude
CORE and NB section
1.5
V
FAULT
Voltage at pin OSC
OVP, UVP latch active
3
3.6
V
EN
Turn-OFF threshold
OSC/EN falling
0.3
V
PVI / SVI interface
PWROK
Input high
1.3
V
Input low
0.80
V
VID2,/SVD
VID3/SVC
Input high
(SVI mode)
0.95
V
Input low
(SVI mode)
0.65
V
SVD
Voltage low (ACK)
ISINK = -5mA
250
mV
VID0 to
VID5
Input high
(PVI mode)
1.3
V
Input low
(PVI mode)
0.80
V
V_FIX
Entering V_FIX mode
VID0/V_FIX rising
3
V
Power manager
I2C
SDA, SCL
Input high
1.3
V
Input low
0.8
V
SDA
Voltage low (ACK)
ISINK = -5mA
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com