| Electronic Components Datasheet Search |
|
L6717TR Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6717TR Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 56 page ![]() Output voltage positioning L6717 36/56 Doc ID 17326 Rev 1 Figure 10. Current reading The current read through the CSxP / CSxN pairs is converted into a current IINFOx propor- tional to the current delivered by each phase and the information about the average current IAVG = ΣIINFOx / N is internally built into the device (N is the number of working phases). The error between the read current IINFOx and the reference IAVG is then converted into a voltage that with a proper gain is used to adjust the duty cycle whose dominant value is set by the voltage error amplifier in order to equalize the current carried by each phase. 7.3 CORE section - defining load-line L6717 introduces a dependence of the output voltage on the load current recovering part of the drop due to the output capacitor ESR in the load transient. Introducing a dependence of the output voltage on the load current, a static error, proportional to the output current, causes the output voltage to vary according to the sensed current. Figure 10 shows the current sense circuit used to implement the load-line. The current flow- ing across the inductor(s) is read through the R - C filter across CSxP and CSxN pins. RG programs a trans-conductance gain and generates a current ICSx proportional to the current of the phase. The sum of the ICSx current, with proper gain defined by the DRP_ADJ com- mand (kDRP), is then sourced by the FB pin (kDRPIDROOP). RFB gives the final gain to pro- gram the desired load-line slope (Figure 9). Time constant matching between the inductor (L / DCR) and the current reading filter (RC) is required to implement a real equivalent output impedance of the system so avoiding over and/or under shoot of the output voltage as a consequence of a load transient. See Section 7.2. The output characteristic vs. load current is then given by: Where RLL is the resulting load-line resistance implemented by the CORE Section. kDRP value is determined by the Power Manager I2C and its default value is 1/4. RFB resistor can be then designed according to the RLL specifications and DRP_ADJ setting as follow: See Section 6.2 for details about DRP_ADJ command. Lx CSxP CSxN DCRx R C RG I PHASEx Inductor DCR Current Sense ICSxN=IINFOx V OUT V CORE VID R FB k DRP I DROOP ⋅⋅ – VID k DRP R FB DCR R G ------------- I OUT ⋅⋅ ⋅ – VID R LL I OUT ⋅ – == = R FB R LL k DRP ------------- R G DCR ------------- ⋅ = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |