Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6717TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 27Page - STMicroelectronics L6717TR Datasheet HTML 28Page - STMicroelectronics L6717TR Datasheet HTML 29Page - STMicroelectronics L6717TR Datasheet HTML 30Page - STMicroelectronics L6717TR Datasheet HTML 31Page - STMicroelectronics L6717TR Datasheet HTML 32Page - STMicroelectronics L6717TR Datasheet HTML 33Page - STMicroelectronics L6717TR Datasheet HTML 34Page - STMicroelectronics L6717TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
L6717
Power manager I2C
Doc ID 17326 Rev 1
31/56
6.1.4
Droop function adjustment (DRP_ADJ)
This command allows to adjust the slope for the output voltage load line once the external
components are defined by modifying the kDRP and kDRPNB parameters defined in
Section 7.3 and Section 7.6.
See Table 12 and Table 16 for details about the codification of the command and the data
stream.
6.1.5
Power management flags
This command allows to set several flags to configure L6717 power management.
The flags allows to define:
– PSI_A. This flag defines phase shedding strategy adopted when CPU asserts PSI_L
by SVI bus. Set PSI_A = 0b (default) to program the device to work in single phase or
set PSI_A = 1b to program two phase mode.
The selected strategy applies also to DPM mode.
See Section 5.4.3 for details about PSI management and light-load efficiency
optimizations. See Section 6.2 for details about DPM.
– PSI_EN. This flag defines whether to enable or not the PSI_L management. Default is
to manage PSI_L flag assertion through SVI bus (PSI_EN = 1b).
– DPM_ON. This flag defines whether to enable or not the DPM mode. The strategy
adopted by DPM is defined through the PSI_A flag. See Section 6.2 for details about
DPM. DPM is disabled by default (DPM_ON = 0h).
– DPMTH. Allow to program up to 4 different strategies for DPM mode by properly
adjusting the VDPM threshold. See Section 6.2 for details about DPM.
See Table 12 and Table 17 for details about the codification of the command and the data
stream.
Table 15.
FSW_ADJ command - switching frequency adjustment codification
Data stream
[6:8]
Fsw adjustment
Data stream
[6:8]
Fsw adjustment
000
Reset to frequency
programmed by OSC
100
Reset to frequency
programmed by OSC
001
-10%
101
+10%
010
-20%
110
+20%
011
Ignored
111
Ignored
Table 16.
DRP_ADJ command - droop function adjustment codification
Data stream [5:6] and [7:8]
DRP adjustment kDRPNB[5:6] and kDRP[7:8]
00
1/4
01
1/2
10
Ignored
11
Droop disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com