Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95160-WDW6TP Datasheet(PDF) 25 Page - STMicroelectronics

Part # M95160-WDW6TP
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-WDW6TP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M95160-WDW6TP Datasheet HTML 21Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 22Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 23Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 24Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 25Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 26Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 27Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 28Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
DocID022580 Rev 5
25/47
M95160 M95160-W M95160-R M95160-DF
Instructions
46
Note:
The self-timed write cycle tW is internally executed as a sequence of two consecutive
events: [Erase addressed byte(s)], followed by [Program addressed byte(s)]. An erased bit
is read as “0” and a programmed bit is read as “1”.
Figure 14. Page Write (WRITE) sequence
1.
Depending on the memory size, as shown in Table 4, the most significant address bits are Don’t Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com