Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95160-WDW6TP Datasheet(PDF) 29 Page - STMicroelectronics

Part # M95160-WDW6TP
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-WDW6TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M95160-WDW6TP Datasheet HTML 25Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 26Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 27Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 28Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 29Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 30Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 31Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 32Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
DocID022580 Rev 5
29/47
M95160 M95160-W M95160-R M95160-DF
Instructions
46
6.10
Lock ID (available only in M95160-D devices)
The Lock Identification Page (LID) command is used to permanently lock the Identification
Page in Read-only mode.
The LID instruction is issued by driving Chip Select (S) low, sending (MSB first) the
instruction code, the address and a data byte on Serial Data input (D), and driving Chip
Select (S) high. In the address sent, A10 must be equal to 1. All other address bits are Don't
Care (it might be easier to define these bits as 0, as shown in Table 4). The data byte sent
must be equal to the binary value xxxx xx1x, where x = Don't Care. The LID instruction is
terminated by driving Chip Select (S) high at a data byte boundary, otherwise, the instruction
is not executed.
Driving Chip Select (S) high at a byte boundary of the input data triggers the self-timed Write
cycle which duration is tW (specified in Section 9: DC and AC parameters). The instruction
sequence is shown in Figure 18.
The instruction is discarded, and is not executed, under the following conditions:
•
If the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before).
•
If a Write cycle is already in progress.
•
If the device has not been deselected, by driving high Chip Select (S), at exactly a byte
boundary (after the eighth bit, b0, of the last data byte that has been latched in).
Figure 18. Lock ID sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com