Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95160-WDW6TP Datasheet(PDF) 30 Page - STMicroelectronics

Part # M95160-WDW6TP
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-WDW6TP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M95160-WDW6TP Datasheet HTML 26Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 27Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 28Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 29Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 30Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 31Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 32Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 33Page - STMicroelectronics M95160-WDW6TP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Power-up and delivery state
M95160 M95160-W M95160-R M95160-DF
30/47
DocID022580 Rev 5
7
Power-up and delivery state
7.1
Power-up state
After power-up, the device is in the following state:
•
Standby power mode,
•
deselected (after power-up, a falling edge is required on Chip Select (S) before any
instructions can be started),
•
not in the Hold condition,
•
the Write Enable Latch (WEL) is reset to 0,
•
Write In Progress (WIP) is reset to 0.
The SRWD, BP1 and BP0 bits of the Status Register are unchanged from the previous
power-down (they are non-volatile bits).
7.2
Initial delivery state
The device is delivered with:
•
the memory array set to all 1s (each byte = FFh)
•
Status register: bit SRWD =0, BP1 =0 and BP0 =0
•
Identification page: byte values are Don’t Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com