Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405K100RA4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 405K100RA4
Description  Efficient size Rugged construction Does not fail short ??Self healing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

405K100RA4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  405K100RA4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Type RA Angstor®Capacitor
Metallized Polyester (PET) Dielectric
Paktron • P.O. Box 4539, 1205 McConville Road, Lynchburg, Virginia 24502 • Tel 434-239-6941 • Fax 434-239-4730 • www.paktron.com •
PAGE 5
400 VDC / 250 VAC
PF
Code
Value
µF
L
MAX
T
MAX
H
MAX
S
±.02 (.5)
d
Max dv/dt
(V/µs)
Case
Part
Number
224
.22
.650 (16.5)
.230 (5.8)
.340 (8.6)
.591 (15)
.032 (.8)
65
RA6
224K400RA6 _ _
474
.47
.650 (16.5)
.290 (7.4)
.440 (11.1)
.591 (15)
.032 (.8)
120
RA6
474K400RA6 _ _
500 VDC / 250 VAC
PF
Code
Value
µF
L
MAX
T
MAX
H
MAX
S
±.02 (.5)
d
Max dv/dt
(V/µs)
Case
Part
Number
504
.5
.650 (16.5)
.280 (7.1)
.540 (13.7)
.591 (15)
.032 (.8)
120
RA6
504K500RA6 _ _
Tolerance: K (±10%) standard, J (±5%) available
RoHS part number information:
No suffix indicates RoHS-5 compliant standard part number. RoHS-5 product does not contain five of the RoHS banned materials (Hg, CrVI, Cd, PBB
and PBDE) in levels exceeding the industry defined limits. Component lead wires are plated with Sn / Pb and match conventional SnPb board
assembly requirements.
For a RoHS-6 compliant part, add a –FA suffix. RoHS-6 product does not contain any of the six RoHS banned materials (Hg, CrVI, Cd, PBB, PBDE
and Pb) in levels exceeding the industry defined limits. Component lead wires are plated with Sn.
Electrical
Capacitance Range:
0.1 µF to 10.0 µF @ 1KHz
Tolerance:
Available in ± 5%, 10% (standard), 20%
Voltage Range:
100, 250, 400, 500 VDC
Dissipation Factor:
≤ 1.0 % @ 25°C, 1KHz
Insulation Resistance:
≥ 1,000 Megohms x µF.
Need not exceed 1,000 Megohms.
Rated Voltage
≤ 100 VDC > 100 VDC
Test Voltage
10 VDC
100 VDC
Dielectric Strength:
1.6 x RVDC, 2 seconds max.
(Bold P/Ns) 1.3 x RVDC, 2 seconds max.
Self Inductance:
2 to 6nh typical
Temperature Range:
-55°C to 125°C @ rated DC voltage.
(Bold P/Ns) –55°C to 125°C,
derate voltage 1.25% / °C above 85°C
Accelerated DC Voltage Life Test:
1,000 Hours, 85°C, 1.25 × Rated VDC
∆ C/C ≤ 5%
DF
≤ 1.0%, 1KHz, 25°C
IR
≥ 1,000 Megohm x µF.
Need not exceed 1,000 Megohms
Moisture Test:
85°C / 85% RH / 21 days
Applied Voltage: zero bias
∆ C/C ≤ 7%
DF
≤ 1.0%, 1KHz, 25°C
IR
≥ 30% of initial limit
Long Term Stability:
After 2 years storage, standard
environment
∆ C/C ≤ 2%
Vibration:
Mil Std 202 Method 204D
Solder Resistance:
260°C, 5 Sec.
∆ C/C ≤ 2%
Construction:
Non-inductively constructed with
metallized polyester dielectric (polyethylene
terephthalate). Parallel plate–multilayer
polymer (MLP) design.
Electrode: Aluminum metallization.
Case:
Polyester tape wrap.
Marking:
Parts are continuously marked ITW and pf
code. ITW, capacitance, tolerance and working
voltage are printed on container.
Packaging:
Bulk Packaging Standard
Performance
Physical
Dimensions in inches, metric (mm) in parenthesis.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com