Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405K100RA4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 405K100RA4
Description  Efficient size Rugged construction Does not fail short ??Self healing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

405K100RA4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  405K100RA4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Paktron • P.O. Box 4539, 1205 McConville Road, Lynchburg, Virginia 24502 • Tel 434-239-6941 • Fax 434-239-4730 • www.paktron.com •
PAGE 7
Type RA Angstor®Capacitor
Metallized Polyester (PET) Dielectric
100 KHz
10 KHz
1 KHz
100 Hz
X7R-MLC
RA
-4%
-2%
0%
2%
Capacitance Change vs. Frequency
RA
X7R-MLC
125
105
85
65
45
25
0
-20
-40
-55
-10%
-5%
0%
5%
10%
Capacitance Change vs. Temperature
Capacitance Change vs. AC Volts
0
01
23
45
1.0
2.0
3.0
RA
X7R-MLC
6%
5%
4%
3%
2%
1%
0%
-55 -40 -20
025456585
105 125
RA
X7R-MLC
Dissipation Factor vs. Temperature
Dissipation Factor vs. AC Volts (1 KHz)
Capacitance vs. Time (Aging)
0%
1%
2%
3%
4%
100 Hz
1 KHz
10 KHz
100 KHz
RA
X7R-MLC
Dissipation Factor vs. Frequency
0
-20
0
+20
12
3
RA
X7R-MLC
10
100
1000
10000
100000
0
-10
RA
X7R-MLC
0
-20
-30
-40
0
-10
-50
020
40
60
80
100
RA
X7R-MLC
Capacitance Change vs. DC Bias
Frequency
Temperature (
°C)
AC Voltage (Vrms)
Temperature (
° C)
Frequency
AC Voltage (Vrms)
Time (Hrs.)
DC Bias (volts)
Typical Performance Curves
Comparison of Multilayer Polymer (RA) vs. Multilayer Ceramic (X7R)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com