Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

405K100RA4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 405K100RA4
Description  Efficient size Rugged construction Does not fail short ??Self healing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

405K100RA4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  405K100RA4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 405K100RA4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE 8 • Paktron • P.O. Box 4539, 1205 McConville Road, Lynchburg, Virginia 24502 • Tel 434-239-6941 • Fax 434-239-4730 • www.paktron.com
Type RA Angstor®Capacitor
Metallized Polyester (PET) Dielectric
10,000.000
1000.000
100.000
10.000
10.000
100.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
10,000.000
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
10,000.000
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
10,000.000
1000.000
100.000
10.000
10.000
100
1,000
10,000
100,000
1,000,000
10,000,000
1.000
0.100
0.010
1.000
0.100
0.010
0.001
Impedance
ESR
Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
Impedance & ESR vs. Frequency
1.0 mF 100 VDC RA4
.47 mF 250 VDC RA4
1.0 mF 250 VDC RA6
3.3 mF 100 VDC RA4
2.2 mF 100 VDC RA4
.47 mF 400 VDC RA6
Typical Performance Curves
Selected High Value “Power” Capacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com