| Electronic Components Datasheet Search |
|
AS3430 Datasheet(PDF) 17 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3430 Datasheet(HTML) 17 Page - ams AG |
|
17 / 51 page ![]() www.austriamicrosystems.com Revision 1.02 17 - 51 AS3400 AS3410 AS3430 1v0 Data Sheet - D e t a i l e d D e s c r i p t i o n 8.3.4 Over-Current Protection The over-current protection has a threshold of 150-200mA and a debouncing time of 8µs. The stage is forced to OFF mode in an over-current situation. After this, the headphone stage tries to power up again every 8ms as long as the over-current situation still exists or the stage is turned off manually. 8.3.5 Parameter VBAT=1.5V, TA= 25ºC, unless otherwise specified. 8.4 Operational Amplifier While AS3410 offers only one operational amplifier for feed-forward ANC, AS3400 and AS3430 feature an additional second operational amplifier stage to perform feed-back ANC or any other additional needed filtering. Both operational amplifiers stages can be activated and used individually. While OP1 stage is always configured as inverting amplifier, OP2 stage can be also switched to a non-inverting mode with an adjustable gain of 0...+10.5dB. Figure 16. Operational Amplifiers Table 6. Headphone Output Parameter Symbol Parameter Condition Min Typ Max Unit RL_HP Load Impedance Stereo mode 16 Ω CL_HP Load Capacitance Stereo mode 100 pF PHP Nominal Output Power RL=64 Ω 12 mW RL=32 Ω 24 mW RL=16 Ω 34 mW PSRRHP Power Supply Rejection Ratio 200Hz-20kHz, 720mVpp, RL=16Ω 90 dB AGND IOP1L OP1 IOP1R QOP1R QOP1L IOP2L OP2 non-inverting mode IOP2R QOP2R QOP2L AGND 0..10.5dB AGND 0..10.5dB AGND IOP2L OP2 inverting mode IOP2R QOP2R QOP2L |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |