| Electronic Components Datasheet Search |
|
AS3430 Datasheet(PDF) 24 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3430 Datasheet(HTML) 24 Page - ams AG |
|
24 / 51 page ![]() www.austriamicrosystems.com Revision 1.02 24 - 51 AS3400 AS3410 AS3430 1v0 Data Sheet - D e t a i l e d D e s c r i p t i o n Figure 21. Byte Write Figure 22. Page Write Byte Write and Page Write formats are used to write data to the slave. The transmission begins with the START condition, which is generated by the master when the bus is in IDLE state (the bus is free). The device- write address is followed by the word address. After the word address any number of data bytes can be sent to the slave. The word address is incremented internally, in order to write subsequent data bytes on subsequent address locations. For reading data from the slave device, the master has to change the transfer direction. This can be done either with a repeated START condition followed by the device-read address, or simply with a new transmission START followed by the device-read address, when the bus is in IDLE state. The device-read address is always followed by the 1st register byte transmitted from the slave. In Read Mode any number of subsequent register bytes can be read from the slave. The word address is incremented internally. A Acknowledge W1 bit N No Acknowledge R1 bit reg_data Register data/write R8 bit data (n) Register data/read W8 bit P Stop condition R1 bit WA++ Increment word address internally R during acknowledge AS3400 AS3410 AS3430 (=slave) receives data AS3400 AS3410 AS3430 (=slave) transmits data Table 12. 2-Wire Serial Symbol Definition Symbol Definition RW Note S DW A WA A reg_data A P write register WA++ S DW A WA A reg_data 1 A P write register WA++ reg_data 2 A write register WA++ reg_data n A write register WA++ ... |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |