Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3430 Datasheet(PDF) 6 Page - ams AG

Part # AS3430
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3430 Datasheet(HTML) 6 Page - ams AG

Back Button AS3430 Datasheet HTML 2Page - ams AG AS3430 Datasheet HTML 3Page - ams AG AS3430 Datasheet HTML 4Page - ams AG AS3430 Datasheet HTML 5Page - ams AG AS3430 Datasheet HTML 6Page - ams AG AS3430 Datasheet HTML 7Page - ams AG AS3430 Datasheet HTML 8Page - ams AG AS3430 Datasheet HTML 9Page - ams AG AS3430 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
6 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - P i n A s s i g n m e n t s
4.1 Pin Descriptions
Note: Pin description may change in preliminary data sheets.
Table 1. Pin Description for AS3400 AS3410 AS3430
Pin Name
Pin Number
Type
Description
AS3400
AS3410
AS3430
IOP1L
-
24
1
ANA IN
Filter OpAmp1 Input Left Channel
QLINL
-
-
2
ANA OUT
Line In GainStage Output Left Channel
QMICL
24
1
3
ANA OUT
MIC GainStage Output Right Channel
AGND
1
2
4
ANA IN
Analog Reference
LINL
235
ANA IN
DIG IN
Line In Left Channel
During Appl Trim Mode Write – CSDA
During Appl Trim Mode Burn – VNEG
LINR
346
ANA IN
DIG IO
LineIn Right Channel
During Appl Trim Mode Write – CSCL
During Appl Trim Mode Burn – Clock
VOL_CSDA
4
5
7
MIXED IO
Serial Interface Data
ADC Input for volume regulation
MODE_CSCL
5
6
8
DIG IN
Mode Pin (PowerUp/Dn, Monitor)
Serial Interface Clock
MICL
6
7
9
ANA IN
Microphone In Left Channel
ILED
-
8
10
ANA OUT
Current Output for on-indication LED
MICS
7
9
11
ANA OUT
Microphone Supply
MICR
8
10
12
ANA IN
Microphone Input Right Channel
QMICR
9
11
13
ANA OUT
MIC GainStage Output Right Channel
QLINR
10
-
14
ANA OUT
Line In GainStage Output Right Channel
IOP1R
11
12
15
ANA IN
FilterOpAmp1 Input Right Channel
QOP1R
121316
ANA IN
Filter OpAmp1 Output Right Channel
IOP2R
13
-
17
ANA IN
Filter OpAmp2 Input Right Channel
QOP2R
14
-
18
ANA OUT
Filter OpAmp2 Output Right Channel
VSS
15
14
19
SUP IN
Core and Periphery Circuit VSS Supply
HPL
161520
ANA OUT
Headphone Output Left Channel
HPVSS
-
-
21
SUP IN
Headphone VSS Supply
HPR
171622
ANA OUT
Headphone Output Right Channel
HPVDD
181723
SUP IN
Headphone VDD Supply
VBAT
191824
SUP IN
VNEG ChargePump Positive Supply
n.c.
-
-
25
-
CPP
201926
ANA OUT
VNEG ChargePump Flying Capacitor Positive Terminal
GND
212027
GND
VNEG ChargePump Negative Supply
CPN
222128
ANA OUT
VNEG ChargePump Flying Capacitor Negative Terminal
VNEG
23
22
29
SUP IO
VNEG ChargePump Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com