Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP20V60DF Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # STGP20V60DF
Description  600 V, 20 A very high speed trench gate field-stop IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STGP20V60DF Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button STGP20V60DF Datasheet HTML 14Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 15Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 16Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 17Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 18Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 19Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 20Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 21Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Package mechanical data
STGB20V60DF, STGP20V60DF, STGW20V60DF, STGWT20V60DF
18/23
DocID024360 Rev 3
Table 11. TO-3P mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.60
5
A1
1.45
1.50
1.65
A2
1.20
1.40
1.60
b
0.80
1
1.20
b1
1.80
2.20
b2
2.80
3.20
c
0.55
0.60
0.75
D
19.70
19.90
20.10
D1
13.90
E
15.40
15.80
E1
13.60
E2
9.60
e
5.15
5.45
5.75
L
19.50
20
20.50
L1
3.50
L2
18.20
18.40
18.60
øP
3.10
3.30
Q5
Q1
3.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com