Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP20V60DF Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # STGP20V60DF
Description  600 V, 20 A very high speed trench gate field-stop IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STGP20V60DF Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button STGP20V60DF Datasheet HTML 15Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 16Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 17Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 18Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 19Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 20Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 21Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 22Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Revision history
STGB20V60DF, STGP20V60DF, STGW20V60DF, STGWT20V60DF
22/23
DocID024360 Rev 3
6
Revision history
Table 13. Document revision history
Date
Revision
Changes
12-Mar-2013
1
Initial release.
16-May-2013
2
Document status promoted from preliminary data to production data.
Added:
–
New root part numbers STGB20V60DF and
STGP20V60DF
Table 1 on page 1.
–
Package mechanical data
Table 8 on page 12, Table 9
on page 14, Figure 32 on page 13 and Figure 33 on
page 15.
–
Section 2.1: Electrical characteristics (curves) on
page 6.
04-Jun-2013
3
Added maximum value for V
GE(th)
and V
F
in
Table 4: Static
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com