Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP20V60DF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STGP20V60DF
Description  600 V, 20 A very high speed trench gate field-stop IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STGP20V60DF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STGP20V60DF Datasheet HTML 2Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 3Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 4Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 5Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 6Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 7Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 8Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 9Page - List of Unclassifed Manufacturers STGP20V60DF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
STGB20V60DF, STGP20V60DF, STGW20V60DF, STGWT20V60DF
6/23
DocID024360 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Power dissipation vs. case
temperature
Figure 3. Collector current vs. case temperature
Figure 4. Output characteristics (TJ = 25 °C)
Figure 5. Output characteristics (TJ = 175 °C)
Figure 6. VCE(SAT) vs. junction temperature
Figure 7. VCE(SAT) vs. collector current
AM17175v1
0
20
40
60
80
100
120
140
160
0
255075
100 125 150 175
Ptot (W)
TC (°C)
AM17174v1
0
5
10
15
20
25
30
35
40
0
25
50
75
100 125 150 175
IC (A)
TC(°C)
AM17171v1
9 V
11 V
13 V
15 V
0
10
20
30
40
50
60
70
01234
Ic (A)
VCE (V)
VGE =7 V
AM17172v1
9 V
11 V
13 V
15 V
0
10
20
30
40
50
60
70
01234
Ic (A)
VCE (V)
VGE =7 V
AM17176v1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-50 -25 0
25 50 75 100 125 150 175
VCE(sat)
(V)
TJ(ºC)
I
C 40A
I
C = 20A
I
C = 10A
V
GE = 15V
AM17177v1
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
1020304050607080
VCE(V)
IC (A)
T
J = 25 °C
T
J = - 40°C
T
J = 175°C
V
GE =15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com