Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 44 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 44 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 40Page - SPANSION S29GL01GS Datasheet HTML 41Page - SPANSION S29GL01GS Datasheet HTML 42Page - SPANSION S29GL01GS Datasheet HTML 43Page - SPANSION S29GL01GS Datasheet HTML 44Page - SPANSION S29GL01GS Datasheet HTML 45Page - SPANSION S29GL01GS Datasheet HTML 46Page - SPANSION S29GL01GS Datasheet HTML 47Page - SPANSION S29GL01GS Datasheet HTML 48Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
44
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
5.5.2
Protection Error
If an embedded algorithm attempts to change data within a protected area (program, or erase of a protected
sector or OTP area) the device (EAC) goes busy for a period of 20 to 100 µs then returns to normal operation.
During the busy period the RY/BY# output remains Low, data polling status continues to be overlaid on all
address locations, and the status register shows not ready with invalid status bits (SR[7] = 0).
During the protection error status busy period the data polling status will show the following:
DQ7 is the inversion of the DQ7 bit in the last word loaded into the write buffer. DQ7 = 0 for an erase
failure
DQ6 continues to toggle, independent of the address used to read status
DQ5 = 0; to indicate no failure of the embedded operation during the busy period
DQ4 is RFU and should be treated as don’t care (masked)
DQ3 = 1 to indicate embedded sector erase in progress
DQ2 continues to toggle, independent of the address used to read status
DQ1 = 0; Write buffer abort error
DQ0 is RFU and should be treated as don’t care (masked)
Commands that are accepted during the protection error status busy period are:
Status Register Read
When the busy period ends the device returns to normal operation, the data polling status is no longer
overlaid, RY/BY# is High, and the status register shows ready with valid status bits. The device is ready for
flash array read or write of a new command.
After the protection error status busy period the Status Register will show the following:
SR[7] = 1; Valid status displayed
SR[6] = X; May or may not be erase suspended after the protection error busy period
SR[5] = 1 on erase error, else = 0
SR[4] = 1 on program error, else = 0
SR[3] = 0; Program not aborted
SR[2] = 0; No Program in suspension
SR[1] = 1; Error due to attempting to change a protected location
SR[0] = X; RFU, treat as don’t care (masked)
Commands that are accepted after the protection error status busy period are:
Any command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com