| Electronic Components Datasheet Search |
|
S29GL01GS Datasheet(PDF) 45 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS Datasheet(HTML) 45 Page - SPANSION |
|
45 / 106 page ![]() October 9, 2013 S29GL_128S_01GS_00_08 GL-S MirrorBit® Family 45 Data She e t 5.5.3 Write Buffer Abort If an error occurs during a Write to Buffer command the device (EAC) remains busy. The RY/BY# output remains Low, data polling status continues to be overlaid on all address locations, and the status register shows ready with valid status bits. The device remains busy until the error status is detected by the host system status monitoring and the error status is cleared. During write to buffer abort (WBA) error status the Data Polling status will show the following: DQ7 is the inversion of the DQ7 bit in the last word loaded into the write buffer DQ6 continues to toggle, independent of the address used to read status DQ5 = 0; to indicate no failure of the programming operation. WBA is an error in the values input by the Write to Buffer command before the programming operation can begin DQ4 is RFU and should be treated as don’t care (masked) DQ3 is don't care after program operation as no erase is in progress. If the Write Buffer Program operation was started after an erase operation had been suspended then DQ3 = 1. If there was no erase operation in progress then DQ3 is a don't care and should be masked. DQ2 does not toggle after program operation as no erase is in progress. If the Write Buffer Program operation was started after an erase operation had been suspended then DQ2 will toggle in the sector where the erase operation was suspended and not in any other sector. If there was no erase operation in progress then DQ2 is a don't care and should be masked. DQ1 = 1: Write buffer abort error DQ0 is RFU and should be treated as don’t care (masked) During embedded algorithm error status the Status Register will show the following: SR[7] = 1; Valid status displayed SR[6] = X; May or may not be erase suspended during the WBA error status SR[5] = 0; Erase successful SR[4] = 1; Programming related error SR[3] = 1; Write buffer abort SR[2] = 0; No Program in suspension SR[1] = 0; Sector not locked during operation SR[0] = X; RFU, treat as don’t care (masked) When the WBA error status is detected, it is necessary to clear the error status in order to return to normal operation, with RY/BY# High, ready for a new read or command write. The error status can be cleared and device returned to normal operation by writing: Write Buffer Abort Reset command – Clears the status register and returns to normal operation Status Register Clear command Commands that are accepted during embedded algorithm error status are: Status Register Read Write Buffer Abort Reset command Status Register Clear command |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |