Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 78 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 78 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 74Page - SPANSION S29GL01GS Datasheet HTML 75Page - SPANSION S29GL01GS Datasheet HTML 76Page - SPANSION S29GL01GS Datasheet HTML 77Page - SPANSION S29GL01GS Datasheet HTML 78Page - SPANSION S29GL01GS Datasheet HTML 79Page - SPANSION S29GL01GS Datasheet HTML 80Page - SPANSION S29GL01GS Datasheet HTML 81Page - SPANSION S29GL01GS Datasheet HTML 82Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
78
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
10.3
Power-On Reset (POR) and Warm Reset
Normal precautions must be taken for supply decoupling to stabilize the VCC and VIO power supplies. Each
device in a system should have the VCC and VIO power supplies decoupled by a suitable capacitor close to
the package connections (this capacitor is generally on the order of 0.1 µF).
Notes:
1. Not 100% tested.
2. Timing measured from VCC reaching VCC minimum and VIO reaching VIO minimum to VIH on Reset and VIL on CE#.
3. RESET# Low is optional during POR. If RESET is asserted during POR, the later of tRPH, tVIOS, or tVCS will determine when CE# may go
Low. If RESET# remains Low after tVIOS, or tVCS is satisfied, tRPH is measured from the end of tVIOS, or tVCS. RESET must also be High
tRH before CE# goes Low.
4. VCC ≥ VIO - 200 mV during power-up.
5. VCC and VIO ramp rate can be non-linear.
6. Sum of tRP and tRH must be equal to or greater than tRPH.
10.3.1
Power-On (Cold) Reset (POR)
During the rise of power supplies the VIO supply voltage must remain less than or equal to the VCC supply
voltage. VIH also must remain less than or equal to the VIO supply.
The Cold Reset Embedded Algorithm requires a relatively long, hundreds of µs, period (tVCS) to load all of the
EAC algorithms and default state from non-volatile memory. During the Cold Reset period all control signals
including CE# and RESET# are ignored. If CE# is Low during tVCS the device may draw higher than normal
POR current during tVCS but the level of CE# will not affect the Cold Reset EA. CE# or OE# must transition
from High to Low after tVCS for a valid read or write operation. RESET# may be High or Low during tVCS. If
RESET# is Low during tVCS it may remain Low at the end of tVCS to hold the device in the Hardware Reset
state. If RESET# is High at the end of tVCS the device will go to the Standby state.
When power is first applied, with supply voltage below VRST then rising to reach operating range minimum,
internal device configuration and warm reset activities are initiated. CE# is ignored for the duration of the POR
operation (tVCS or tVIOS). RESET# Low during this POR period is optional. If RESET# is driven Low during
POR it must satisfy the Hardware Reset parameters tRP and tRPH. In which case the Reset operations will be
completed at the later of tVCS or tVIOS or tRPH.
During Cold Reset the device will draw ICC7 current.
Figure 10.3 Power-Up Diagram
Table 10.2 Power ON and Reset Parameters
Parameter
Description
Limit
Value
Unit
tVCS
VCC Setup Time to first access (Notes 1, 2)Min
300
µs
tVIOS
VIO Setup Time to first access (Notes 1, 2)Min
300
µs
tRPH
RESET# Low to CE# Low
Min
35
µs
tRP
RESET# Pulse Width
Min
200
ns
tRH
Time between RESET# (High) and CE# (low)
Min
50
ns
tCEH
CE# Pulse Width High
Min
20
ns
VCC
VIO
RESET#
CE#
tRH
tVIOS
tVCS
tCEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com