Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250LPV100 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # SCF5250LPV100
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250LPV100 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button SCF5250LPV100 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
30
Freescale Semiconductor
Figure 7 and Table 25 provide the timing diagram and timing parameters for the UART module.
Figure 7. UART Module AC Timing Definition Diagram
Table 25. UART Module AC Timing Specifications
Num
Characteristic
Min
Max
Units
U1
RXD Valid to BCLK (input setup)
6
ns
U2
BCLK to RXD Invalid (input hold)
0
ns
U3
CTS Valid to BCLK (input setup)
6
ns
U4
BCLK to CTS Invalid (input hold)
0
ns
U5
BCLK to TXD Valid (output valid)
tbd
ns
U6
BCLK to TXD Invalid (output hold)
3
ns
U7
BCLK to RTS Valid (output valid)
tbd
ns
U8
BCLK to RTS Invalid (output hold)
3
ns
BCLK
RXD
CTS
TXD
RTS
U1
U2
U3
U4
U5
U6
U7
U8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com