Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250LPV100 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # SCF5250LPV100
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250LPV100 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button SCF5250LPV100 Datasheet HTML 44Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 45Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 46Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 47Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 48Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 49Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 50Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 51Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
48
Freescale Semiconductor
M11
ADIN0_GPI52
A
AD input 0
In only
P12
ADIN1_GPI53
A
AD input 1
In only
P13
ADIN2_GPI54
A
AD input 2
In only
N12
AD_VDD
AD_VDD
M13
AD_GND
AD_GND
M12
ADIN3_GPI55
A
AD input 3
In only
L12
ADIN4_GPI56
A
AD input 4
In only
K12
ADIN5_GPI57
A
AD input 5
In only
N13
ADREF
A
ADC reference input
In
N14
ADOUT_SCLK4_GP58
I/O
AD output / SCLK4 (for GPI function
in low power applications
Out / clock output
L13
LRCK3_GP43
I/O
Audio interface LRCK3
In
M14
SCLK3_GP35
I/O
Audio interface SCLK3
In
J12
SCL_SDATA1BS1_GP41
I/O
I2C clock line / FlashMedia data
interface
In / Low
L14
SDA_SDATA3_GP42
I/O
I2C data line / FlashMedia data
interface
Hi-Z
J13
DDATA0_CTS2B_SDATA
0SDIO1_GP1
I/O
Debug / UART2 CTS / FlashMedia
data interface
Out / High
K14
DDATA1_RTS2B_SDATA
2BS2_GP2
I/O
Debug / UART2 RTS / FlashMedia
data interface
Out / High
H12
DDATA2_CTS1B_GP3
I/O
Debug / UART1 CTS
Out / High
J14
DDATA3_RTS1B_GP4
I/O
Debug / UART1 RTS
Out / High
H13
SCL2_TXD2_GP10
I/O
I2C2 clock line / second UART
transmit data output
Out / Low
CORE_VDD
CORE_VDD
I/O
CORE_VDD
C_GND
CORE_GND
I/O
CORE_GND
H14
SDA2_RXD2_GP44
I/O
I2C2 data line / second UART2
receive data input
Hi-Z
P_VDD
PAD_VDD
I/O
PAD_VDD
G14
TXD1_GP45
I/O
UART1 transmit data output
Out / High
Table 36. 196 MAPBGA Pin Assignments (continued)
MAPBGA
Pin
Name
Type
Description
Pin State
After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com