Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8044 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8044
Description  Quad 150 MHz Rail-to-Rail Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8044 Datasheet HTML 3Page - Analog Devices AD8044 Datasheet HTML 4Page - Analog Devices AD8044 Datasheet HTML 5Page - Analog Devices AD8044 Datasheet HTML 6Page - Analog Devices AD8044 Datasheet HTML 7Page - Analog Devices AD8044 Datasheet HTML 8Page - Analog Devices AD8044 Datasheet HTML 9Page - Analog Devices AD8044 Datasheet HTML 10Page - Analog Devices AD8044 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
11
10
2
6
5
4
3
8
7
9
VOS (mV)
3
–2
–1
012
–3
1
0
–1.5
–0.5
0.5
1.5
2.5
–2.5
VS = +5V
TA = +25 C
62 PARTS
MEAN = 350 V
STD DEVIATION = 560 V
Figure 4. Typical Distribution of VOS
15
12
0
2.0
14.0
3.0
4.0 5.0 6.0
7.0 8.0
9.0 10.0 11.0 12.0 13.0
9
6
3
MEAN = 7.9 V/ C
STD DEV = 2.3 V/ C
SAMPLE SIZE = 62
VS = +5
VOS DRIFT ( V/ C)
Figure 5. VOS Drift Over –40
∞C to +85∞C
TEMPERATURE ( C)
2.4
2.2
0
–45
85
–35 –25 –15 –5
5
15
25 35
45 55
65
75
2.0
1.8
VS = +5V
Figure 6. IB vs. Temperature
LOAD RESISTANCE ( )
100
95
70
0
250
500
750
1000
1250
1500
2000
90
85
80
VS = +5V
T = +25 C
75
1750
Figure 7. Open-Loop Gain vs. RL to +2.5 V
TEMPERATURE ( C)
100
97
85
–40
–20
020
40
6080
100
94
91
88
VS = +5V
RL = 1k TO +2.5V
Figure 8. Open-Loop Gain vs. Temperature
OUTPUT VOLTAGE (V)
100
30
0
05
0.15 0.35 0.75 1.25 1.75 2.25 2.75 3.25 3.75 4.45 4.65 4.85
90
40
20
10
70
50
80
60
RL = 500
RL = 50
VS = +5V
Figure 9. Open-Loop Gain vs. Output Voltage
AD8044–Typical Performance Characteristics
–6–
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com