Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8044 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8044
Description  Quad 150 MHz Rail-to-Rail Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044 Datasheet(HTML) 3 Page - Analog Devices

  AD8044 Datasheet HTML 1Page - Analog Devices AD8044 Datasheet HTML 2Page - Analog Devices AD8044 Datasheet HTML 3Page - Analog Devices AD8044 Datasheet HTML 4Page - Analog Devices AD8044 Datasheet HTML 5Page - Analog Devices AD8044 Datasheet HTML 6Page - Analog Devices AD8044 Datasheet HTML 7Page - Analog Devices AD8044 Datasheet HTML 8Page - Analog Devices AD8044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AD8044–SPECIFICATIONS
AD8044A
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth, VO < 0.5 V p-p
G = +1
80
150
MHz
Bandwidth for 0.1 dB Flatness
G = +2, RL = 150
W
12
MHz
Slew Rate
G = –1, VO = 4 V Step
140
170
V/
ms
Full Power Response
VO = 2 V p-p
26
MHz
Settling Time to 1%
G = –1, VO = 2 V Step
30
ns
Settling Time to 0.1%
40
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, G = +2, RL = 1 k
W
–68
dB
Input Voltage Noise
f = 10 kHz
16
nV/
÷Hz
Input Current Noise
f = 10 kHz
850
fA/
÷Hz
Differential Gain Error (NTSC)
G = +2, RL = 150
W to 2.5 V
0.04
%
Differential Phase Error (NTSC)
G = +2, RL = 150
W to 2.5 V
0.22
Degrees
Crosstalk
f = 5 MHz, RL = 1 k
W, G = +2
–60
dB
DC PERFORMANCE
Input Offset Voltage
1.0
6
mV
TMIN–TMAX
8mV
Offset Drift
8
mV/∞C
Input Bias Current
2
4.5
mA
TMIN–TMAX
4.5
mA
Input Offset Current
0.2
1.2
mA
Open-Loop Gain
RL = 1 k
W
82
94
dB
TMIN–TMAX
88
dB
INPUT CHARACTERISTICS
Input Resistance
225
k
W
Input Capacitance
1.6
pF
Input Common-Mode Voltage Range
–0.2 to 4
V
Common-Mode Rejection Ratio
VCM = 0 V to 3.5 V
80
90
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 k
W to 2.5 V
0.03 to 4.975
V
Output Voltage Swing:
RL = 1 k
W to 2.5 V
0.25 to 4.75
0.075 to 4.91
V
Output Voltage Swing:
RL = 150
W to 2.5 V
0.55 to 4.4
0.25 to 4.65
V
Output Current
TMIN–TMAX, VOUT = 0.5 V to 4.5 V
30
mA
Short Circuit Current
Sourcing
45
mA
Sinking
85
mA
Capacitive Load Drive
G = +2
40
pF
POWER SUPPLY
Operating Range
312
V
Quiescent Current
11
13.1
mA
Power Supply Rejection Ratio
VS = 0, +5 V,
±1 V
70
80
dB
OPERATING TEMPERATURE RANGE
–40
+85
∞C
Specifications subject to change without notice.
(@ TA = +25 C, VS = +5 V, RL = 2 k
to 2.5 V, unless otherwise noted.)
–2–
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com