Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8044 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8044
Description  Quad 150 MHz Rail-to-Rail Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8044 Datasheet HTML 7Page - Analog Devices AD8044 Datasheet HTML 8Page - Analog Devices AD8044 Datasheet HTML 9Page - Analog Devices AD8044 Datasheet HTML 10Page - Analog Devices AD8044 Datasheet HTML 11Page - Analog Devices AD8044 Datasheet HTML 12Page - Analog Devices AD8044 Datasheet HTML 13Page - Analog Devices AD8044 Datasheet HTML 14Page - Analog Devices AD8044 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD8044
5V
0V
100 s
500mV
0.211V
VS = +5V
RL = 150 TO +2.5V
CL = 5pF
G = –1
4.656V
2.5V
Figure 28a. Output Swing vs. Load Reference Voltage,
VS = +5 V, G = –1
5V
2.5V
100 s
500mV
VS = +5V
RL = 150 TO GND
CL = 5pF
G = –1
4.309V
+10mV
Figure 28b. Output Swing vs. Load Reference Voltage,
VS = +5 V, G = –1
4.5V
3.5V
2.5V
1.5V
0.5V
20ns
500mV
VS = +5V
G = +2
RL = 2k
VIN = 1V p-p
CL = 5pF
Figure 29. One Volt Step Response, VS = +5 V, G = +2
2.6V
2.55V
2.5V
2.45V
2.4V
VS = +5V
G = +1
RL = 2k
CL = 5pF
40ns
50mV
Figure 30. 100 mV Step Response, VS = +5 V, G = +1
3V
2.5V
2V
1.5V
1V
0.5V
0V
200 s
500mV
VIN = 3V p-p
RL = 2k
CL = 5pF
VS = +3V
G = –1
+22mV
+2.920V
Figure 31. Output Swing, VS = +3 V
1.56V
1.52V
1.48V
1.44V
1.40V
1.42V
1.46V
1.50V
1.54V
20ns
20mV
VIN = 0.1V p-p
RL = 2k
CL = 5pF
VS = +3V
G = +1
1.58V
1.60V
Figure 32. Step Response, G = +1, VIN = 100 mV
–10–
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com