Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPP30-243.3SW Datasheet(PDF) 3 Page - Recom International Power

Part # RPP30-243.3SW
Description  30 Watt 4:1 Single Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP30-243.3SW Datasheet(HTML) 3 Page - Recom International Power

  RPP30-243.3SW Datasheet HTML 1Page - Recom International Power RPP30-243.3SW Datasheet HTML 2Page - Recom International Power RPP30-243.3SW Datasheet HTML 3Page - Recom International Power RPP30-243.3SW Datasheet HTML 4Page - Recom International Power RPP30-243.3SW Datasheet HTML 5Page - Recom International Power RPP30-243.3SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-international.com
PP-21
REV: 0/2014
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE+
DC/DC-Converter
RPP30-S_DW
Series
Packing Quantity
Ribbed Case
4 pcs per Tube
Baseplate Case
Single packed
Safety Standards
certified UL-60950-1, 1st Edition
Thermal Cycling
complies with MIL-STD-810F
Vibration
10-55Hz, 12G, 30 Min. along X, Y and Z
Conducted Emissions
EN55022
Class B
Radiated Emissions
EN55022
Class B
ESD
EN61000-4-2
Perf. Criteria B
Radiated Immunity
EN61000-4-3
Perf. Criteria A
Fast Transient (4)
EN61000-4-4
Perf. Criteria B
Surge (4)
EN61000-4-5
Perf. Criteria B
Conducted Immunity
EN61000-4-6
Perf. Criteria A
MTBF calculated according to BELLCORE TR-NWT-000332 (5)
2195 x 103 hours
Notes :
1. Typical values at nominal input voltage and no load/full load.
2. Min values at nominal input voltage and full load.
3. The ON/OFF pin voltage is referenced to negative input. The pin is pulled high internally.
ON/OFF control is standard with positive logic: e.g. RPP30-2405SW, RPP30-4805DW-B.
Positive logic: 0= OFF, 1 = ON. The converter will be ON if the CTRL is left open.
4. Requires an external 100µF low ESR capacitor to meet EN61000-4-4 and EN61000-4-5
5. Case l: 50% Stress, Temperature at 50°C (Ground Benign).
6. To ensure a good all-round electrical contact, the baseplate is pressed firmly into place within the aluminium housing.The hydraulic press can leave
tooling marks and deformations to both the housing and baseplate. The case is anodised aluminium, so there will be natural variations in the case
colour and the aluminium is not scratch resistant. Any resultant marks, scratches and colour varations are cosmetic only and do not affect the
operation or performance of the converters.
7. Example:
Rthcase-ambient = 7.3°C/W (vertical)
Tcase = Case Temperature
Rthcase-ambient = 11°C/W (horizontal)
Tambient = Environment Temperature
Pdissipation = Internal losses
Rthcase-ambient =
Tcase - Tambient
Pin = Input Power
Pdissipation
Pout = Output Power
Pdissipation = Pin-Pout =
Pout
- Pout
Ƞ = Efficiency under given Operating Conditions
Ƞ
Rthcase-ambient = Thermal Impedance
Pdissipation = Pin-Pout =
Pout
- Pout
Ƞ
Practical Example:
Take the RPP30-2405SW with 90% load. What is the maximum ambient operating temperature? Use converter vertical in application.
Effmin = 89% @ Vnom
Pout = 30W
Poutapp = 30 x 0.9 = 27W
Pdissipation =
Pout
- Pout
Rth =
Tcasemax - Tambient
--> 7.3°C/W =
115°C - Tambient
Ƞ
Pdissipation
3.34W
Ƞ = ~89% (from Eff vs Load Graph)
T
ambient = 90.64°C
Pdissipation =
27
- 27 = 3.34W
0.89



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com