Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPP30-243.3SW Datasheet(PDF) 4 Page - Recom International Power

Part # RPP30-243.3SW
Description  30 Watt 4:1 Single Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP30-243.3SW Datasheet(HTML) 4 Page - Recom International Power

  RPP30-243.3SW Datasheet HTML 1Page - Recom International Power RPP30-243.3SW Datasheet HTML 2Page - Recom International Power RPP30-243.3SW Datasheet HTML 3Page - Recom International Power RPP30-243.3SW Datasheet HTML 4Page - Recom International Power RPP30-243.3SW Datasheet HTML 5Page - Recom International Power RPP30-243.3SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PP-22
www.recom-power.com
REV: 0/2014
POWERLINE+
DC/DC-Converter
RPP30-S_DW
Series
RPP30-4805SW
Typical Characteristics
30
20
0
Output Load (%)
0
40
50
60
70
80
90
100
10
20
60
100
40
80
Efficiency VS Load
Vnom
Recommended PCB Layout
C1
Fuse
C2
C3
Top View
C1
Fuse
C2
Top View
Single Output
Dual Output
Ribbed Case
Trim Up
10k
W
Trimpot
Trim Down
10k
W
Trimpot
10k
W
Trimpot
Trim
+Vout
-Vout
Trim
+Vout
-Vout
External Output Trimming



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com