Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPP30-243.3SW Datasheet(PDF) 5 Page - Recom International Power

Part # RPP30-243.3SW
Description  30 Watt 4:1 Single Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP30-243.3SW Datasheet(HTML) 5 Page - Recom International Power

  RPP30-243.3SW Datasheet HTML 1Page - Recom International Power RPP30-243.3SW Datasheet HTML 2Page - Recom International Power RPP30-243.3SW Datasheet HTML 3Page - Recom International Power RPP30-243.3SW Datasheet HTML 4Page - Recom International Power RPP30-243.3SW Datasheet HTML 5Page - Recom International Power RPP30-243.3SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-international.com
PP-23
REV: 0/2014
Package Style and Pinning (mm)
3
1
2
5
4
45.70
50.80
dia.
1.0
10.20
10.20
7.6
Bottom View
6
30.5
5.1 +/- 0.9
11.70
5.10
10.20
3.3
Standoff
= 1.3
5.0
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
-Vout
Com
5
Trim
-Vout
6
CTRL
CTRL
POWERLINE+
DC/DC-Converter
RPP30-S_DW
Series
Input Fuse is recommended. Recommended fuse rating = double maximum input current, time delay type.
Input Capacitor, C1, is required to meet EN61000 Surge and Fast Transient, otherwise it is not required for normal operation.
Output Capacitors C2/C3 are recommended, but not required for normal operation. Typical capacitor values are 1µF MLCC
To ensure optimum thermal performance, use large areas of copper on the PCB to assist with heat dissipation and mount the converter vertically.
C1
Fuse
C3
No tracks
in this area
(42 x 30mm)
Top View
C3
C2
Baseplate Case- suggested PCB layout
Ribbed Case (Standard - no Suffix)
Dual Output
Single Output
Recommended PCB Layout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com