Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E910.97 Datasheet(PDF) 7 Page - ELMOS Semiconductor AG

Part # E910.97
Description  INTERGRATED CIRCUIT FOR PIR SMART SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.97 Datasheet(HTML) 7 Page - ELMOS Semiconductor AG

  E910.97 Datasheet HTML 1Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 2Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 3Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 4Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 5Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 6Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 7Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 8Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 9Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0091E.00
PRELIMINARY INFORMATION - JUL 28, 2011
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
INTEGRATED CIRCUIT FOR PIR SMART SENSOR
E910.97
Test Modes___________________________________________________
INPUTS
OUTPUT
MODE
OEN
ENVREG
SENS
ONTIME
PIRIN
NPIRIN
REL
VDD<=OEN<=VSS
ENVREG
SENS
ONTIME
PIRIN
NPIRIN
REL
Normal Operation
>VDD +0.4v
ACLK
SENS
ONTIME
PIRIN
NPIRIN
DOCI- DAC
Data Out – Clock in
ATEST2
<VSS -0.4v
TCLK
SENS
ONTIME
SDI
SCAN_EN
SCAN OUT
Digital Test
VDD<=OEN<=VSS
ENVREG
SENS
>VDD +0.4v
PIRIN
NPIRIN
DOCI - LPF
Data Out – Clock in
ATEST1
VDD<=OEN<=VSS
ENVREG
SENS
<VSS -0.4v
PIRIN
NPIRIN
DATA
Initialize self test mode
ATEST0
Table 6: Device Test nodes
Analog Test Modes
In ATEST1 ‘Data Out – Clock in’ (DOCI - LPF) - mode,
the filter data as well as the PIN SCAN data is
available as a 28 bit word on the REL output.
Whenever a new filter value is generated, the REL
output is switched to high level. Reading of data has to
be completed in less than 30 system cycles after the
REL output goes to VDD. The DOCI protocol is used
to read the word.
In ATEST2 ‘Data Out – Clock in’ (DOCI - DAC) -
mode, the DAC data is available as a word on the REL
output. The data must be read within 1 system clock.
The DOCI protocol is used to read the word.
Self Test Mode
Self test mode is initialized by applying a voltage of
less than VSS-0.4V to ONTIME. As soon as the device
is switched back to normal mode (OEN=VDD), the PIR
inputs are connected to a switched capacitor circuit
and charged up in steps. The resulting voltages are
captured like in the ATEST1 (DOCI - LPF) test mode.
The data includes the voltages measured on the SENS
and ONTIME inputs.
Digital Test Mode
The scan-path is switched with the NPIRIN input. Scan
data is applied to PIRIN. ENVREG is test clock input.
The levels on the PIRIN/NPIRIN inputs must be
+0.5V/-0.5V (L/H). The levels on ENVREG are VDD/VSS
(L/H). This test mode is only used for chip testing.
Fig. 2: Pin scan and LPF DOCI data out
Fig. 3: DAC DOCI data out
SENS[6:0]
REL
32 x C_G
ONTIME[3:0]
LPF FILTER[15:0]
SENS[6:0]
SENS[6:0]
REL
C_G
ONTIME[3:0]
DAC [5:0]
SENS[6:0]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com