Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E910.97 Datasheet(PDF) 5 Page - ELMOS Semiconductor AG

Part # E910.97
Description  INTERGRATED CIRCUIT FOR PIR SMART SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.97 Datasheet(HTML) 5 Page - ELMOS Semiconductor AG

  E910.97 Datasheet HTML 1Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 2Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 3Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 4Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 5Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 6Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 7Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 8Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 9Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0091E.00
PRELIMINARY INFORMATION - JUL 28, 2011
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
INTEGRATED CIRCUIT FOR PIR SMART SENSOR
E910.97
Detailed Description__________________________________________
Fig 1: Block diagram of E910.97
PIR Sensor Input
A differential input stage provides for a direct
connection to a high impedance PIR sensor element.
The analog to digital converter generates a digital
signal from the voltage level measured between the
PIRIN and NPIRIN pins.
A band gap reference ensures a temperature and
supply voltage independent gain.
Voltage Regulator
The on-chip shunt regulator accepts a large range of
input currents. It generates a stable 3V supply for the
internal circuitry. The VDD pin requires a bypass
capacitor to VSS. The reference for the shunt regulator
is taken from the integrated band gap reference.
Oscillator
The IC contains an on chip low power oscillator. The
frequency is set to 64kHz. The timing signals and
cutoff frequencies of the digital filters are derived from
this frequency.
Band-Pass Filter
A 2nd order low-pass filter with a cut-off frequency of
7Hz
eliminates
unwanted
higher
frequency
components. This signal is then passed to a 2nd order
high pass filter with a 0.4Hz cut-off frequency.
Alarm Event Processor
The signal from the band pass filter is rectified. When
the signal level exceeds the set sensitivity threshold,
an internal pulse is generated. A second pulse is
counted, when the signals changes sign and exceeds
the threshold again.
Whenever 2 pulses appear within 2s, the REL output is
activated.
The voltage applied to the ONTIME input determines
how long the REL output stays active. The REL output
remains active from the first alarm condition to the last
alarm condition plus the time selected with the
ONTIME input.
LPF
Comparator
&
Alarm Event
Logic
BAND GAP
REF
PIR
ADC
Test Control Logic
NPIRIN
REL
VDD
GND
PIRIN
ON
TIME
SENS
HPF
OEN
OSC
PIN ADC
ENVREG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com