Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E910.97 Datasheet(PDF) 8 Page - ELMOS Semiconductor AG

Part # E910.97
Description  INTERGRATED CIRCUIT FOR PIR SMART SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E910.97 Datasheet(HTML) 8 Page - ELMOS Semiconductor AG

  E910.97 Datasheet HTML 1Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 2Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 3Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 4Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 5Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 6Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 7Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 8Page - ELMOS Semiconductor AG E910.97 Datasheet HTML 9Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0091E.00
PRELIMINARY INFORMATION - JUL 28, 2011
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
INTEGRATED CIRCUIT FOR PIR SMART SENSOR
E910.97
Pad Names___________________________________________________
Pad
Name
Pin No.
DIP-
14
T05-6
T05-4
Description
OEN
External
11
2
Int.
(VDD) REL output is enabled
(VSS) REL output is disabled
(>VDD+0.2V) Analog test mode DAC output (1+17bit)
(<VSS-0.2V) Digital test
VDD
External
13
4
3
Supply voltage, shunt regulator
NPIRIN
Internal
2
Int.
Int.
Negative PIR sensor input
PIRIN
Internal
1
Int.
Int.
PIR sensor input
VSS
External
3
Int.
1
Negative supply voltage
ENREG
Internal
4
Int.
Int.
Regulator Enable, (Internal bond option, Bond to VDD to
enable regulator, Bond to VSS to disable regulator for battery
based applications.)
TCLK for ATEST2 and Digital Test
VDD
External
5
4
3
Supply voltage
REL
External
6
5
4
REL Output (push-pull)
VSS
External
7
3
1
Negative supply voltage
SENS
External
10
6
Int.
Sensitivity selection input
ONTIME
External
9
1
2
On time selection input
(>VDD+0.2V) Analog test mode LPF and PIN SCAN output
1+27bit
(<VSS-0.2V) Initialize self test
Table 7: Device Pin Out
Pad Positions________________
Fig 4: Die with pad names, top view.
Pad coordinates______________
Pad Name
X
Y
Dic14
OEN
0
0
11
SENS
0
0.153
10
ONTIME
0
0.304
9
VSS
0
0.632
7
REL
0
0.934
6
VDD1
0
1.123
5
VDD2
0.423
0.39
13
PIRIN
0.423
0.725
1
NPIRIN
0.423
0.860
2
VSS
0.423
0.98
3
ENREG
0.423
1.132
4
Database
1.46
0.56
Table 8: Pad coordinates, Dimensions in mm
Contact Information___________________________________________
OEN
LED
NPIRIN
PIRIN
VSS
ENREG
VDD1
REL
VSS
ONTIME
SENSE
VDD2
Microsystems On Silicon (PTY) Ltd.
Pretoria, South Africa
Tel: +27 (12) 348 8367
Fax: +27 (12) 348 1790
Email: sales@mos.co.za
Visit our website for the latest information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com