Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL78G13 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # RL78G13
Description  Serial Array Unit
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78G13 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RL78G13 Datasheet HTML 15Page - Renesas Technology Corp RL78G13 Datasheet HTML 16Page - Renesas Technology Corp RL78G13 Datasheet HTML 17Page - Renesas Technology Corp RL78G13 Datasheet HTML 18Page - Renesas Technology Corp RL78G13 Datasheet HTML 19Page - Renesas Technology Corp RL78G13 Datasheet HTML 20Page - Renesas Technology Corp RL78G13 Datasheet HTML 21Page - Renesas Technology Corp RL78G13 Datasheet HTML 22Page - Renesas Technology Corp RL78G13 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
RL78/G13
Serial Array Unit (UART Communication)
R01AN0459EJ0200
Rev. 2.00
Page 19 of 43
2014.03.24
Figure 5.8
UART0 Setup (2/3)
1
2
SCR00 register
 8297H
SDR00 register
 CE00H
NFEN0 register
 0001H
SIR01 register
 0007H
SMR01 register
 0122H
SAU channel 0 communication
operation setting
 Only perform transmission
 Phase with clock: type 1
 Error interrupt INTSREx
: Masked
 Output even parities
 Input/output in LSB first
 Stop bit length: 1 bit
 Data length: 8 bits
Channel 0 transfer clock
: Operation clock divided by 208
RxD3 pin noise filter
RxD2 pin noise filter
RxD1 pin noise filter
: OFF
RxD0 pin noise filter
: ON
Clear the error flag
SAU channel 1 operation mode
setting
 Channel 1 operation clock: CK00
 Channel 1 transfer clock
: Division of CK00
 Start trigger source
: Valid edge of the RxD pin
 Detect a falling edge as a start bit
 Channel 1 operation mode
: UART mode
 Channel 1 interrupt source
: Transfer end interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com