Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDBG Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R5F564MFDDBG
Description  MCUs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDBG Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F564MFDDBG Datasheet HTML 12Page - Renesas Technology Corp R5F564MFDDBG Datasheet HTML 13Page - Renesas Technology Corp R5F564MFDDBG Datasheet HTML 14Page - Renesas Technology Corp R5F564MFDDBG Datasheet HTML 15Page - Renesas Technology Corp R5F564MFDDBG Datasheet HTML 16Page - Renesas Technology Corp R5F564MFDDBG Datasheet HTML 17Page - Renesas Technology Corp R5F564MFDDBG Datasheet HTML 18Page - Renesas Technology Corp R5F564MFDDBG Datasheet HTML 19Page - Renesas Technology Corp R5F564MFDDBG Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
RX64M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0173EJ0090 Rev.0.90
Page 16 of 67
Feb 28, 2014
Figure 1.1
How to Read the Product Part Number
R5
F
5
6
4
M
L
C
D
F
C
Package type, number of pins, and pin pitch
FC: LQFP/176/0.50
BG: LFBGA/176/0.80
LC: TFLGA/177/0.50
FB: LQFP/144/0.50
LK: TFLGA/145/0.50
FP: LQFP/100/0.50
LJ: TFLGA/100/0.65
D: Operating peripheral temperature: –40 to +85°C
G: Operating peripheral temperature: –40 to TBD
D: Encryption module not included, SDHI module included
H: Encryption module included, SDHI module included
C: Encryption module not included, SDHI module not
included
G: Encryption module included, SDHI module not included
Code flash memory, RAM, and data flash memory capacity
L: 4 Mbytes/512 Kbytes/64 Kbytes
J: 3 Mbyte/512 Kbytes/64 Kbytes
G: 2.5 Mbytes/512 Kbytes/64 Kbytes
F: 2 Mbytes/512 Kbytes/64 Kbytes
Group name
4M: RX64M Group
Series name
RX600 Series
Type of memory
F: Flash memory version
Renesas MCU
Renesas semiconductor product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com