| Electronic Components Datasheet Search |
|
R5F564MFDDBG Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F564MFDDBG Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 67 page ![]() RX64M Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. R01DS0173EJ0090 Rev.0.90 Page 19 of 67 Feb 28, 2014 Bus control RD# Output Strobe signal which indicates that reading from the external bus interface space is in progress WR# Output Strobe signal which indicates that writing to the external bus interface space is in progress, in 1-write strobe mode WR0# to WR3# Output Strobe signals which indicate that either group of data bus pins (D7 to D0, D15 to D8, D23 to D16 and D31 to D24) is valid in writing to the external bus interface space, in byte strobe mode BC0# to BC3# Output Strobe signals which indicate that either group of data bus pins (D7 to D0, D15 to D8, D23 to D16 and D31 to D24) is valid in access to the external bus interface space, in 1-write strobe mode ALE Output Address latch signal when address/data multiplexed bus is selected WAIT# Input Input pin for wait request signals in access to the external space CS0# to CS7# Output Select signals for CS areas EXDMA controller EDREQ0, EDREQ1 Input External DMA transfer request pins EDACK0, EDACK1 Output Single address transfer acknowledge signals Interrupt NMI Input Non-maskable interrupt request pin IRQ0 to IRQ15 Input Maskable interrupt request pins Multi-function timer pulse unit 3 MTIOC0A, MTIOC0B MTIOC0C, MTIOC0D I/O The TGRA0 to TGRD0 input capture input/output compare output/PWM output pins MTIOC1A, MTIOC1B I/O The TGRA1 and TGRB1 input capture input/output compare output/PWM output pins MTIOC2A, MTIOC2B I/O The TGRA2 and TGRB2 input capture input/output compare output/PWM output pins MTIOC3A, MTIOC3B MTIOC3C, MTIOC3D I/O The TGRA3 to TGRD3 input capture input/output compare output/PWM output pins MTIOC4A, MTIOC4B MTIOC4C, MTIOC4D I/O The TGRA4 to TGRD4 input capture input/output compare output/PWM output pins MTIC5U, MTIC5V MTIC5W Input The TGRU5, TGRV5, and TGRW5 input capture input/dead time compensation input pins MTIOC6A, MTIOC6B MTIOC6C, MTIOC6D I/O The TGRA6 to TGRD6 input capture input/output compare output/PWM output pins MTIOC7A, MTIOC7B MTIOC7C, MTIOC7D I/O The TGRA7 to TGRD7 input capture input/output compare output/PWM output pins MTIOC8A, MTIOC8B MTIOC8C, MTIOC8D I/O The TGRA8 to TGRD8 input capture input/output compare output/PWM output pins MTCLKA, MTCLKB MTCLKC, MTCLKD Input Input pins for external clock signals or for phase counting mode clock signals Port output enable 3 POE0#, POE4#, POE8#, POE10#, POE11# Input Input pins for request signals to place the MTU or GPT in the high impedance state Table 1.4 Pin Functions (2/8) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |