Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG13 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # RG13
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RG13 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button RG13 Datasheet HTML 38Page - Renesas Technology Corp RG13 Datasheet HTML 39Page - Renesas Technology Corp RG13 Datasheet HTML 40Page - Renesas Technology Corp RG13 Datasheet HTML 41Page - Renesas Technology Corp RG13 Datasheet HTML 42Page - Renesas Technology Corp RG13 Datasheet HTML 43Page - Renesas Technology Corp RG13 Datasheet HTML 44Page - Renesas Technology Corp RG13 Datasheet HTML 45Page - Renesas Technology Corp RG13 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
RL78 Family
Chapter 5
User Interface
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 42 of 53
Mar. 28, 2014
Execution Commands (eel_command_t)
Command
Description
EEL_CMD_STARTUP
This checks the block status and sets the system to the EEPROM emulation start
(started) state.
If two active blocks exist, the incorrect block is changed to an
invalid block.
Be sure to execute this command before executing commands other than the
EEL_CMD_FORMAT command and make sure that the command finishes normally.
EEL_CMD_WRITE
Note 1
This writes the specified data to the EEL blocks.
* The following arguments must be specified prior to execution.
・address_pu08:Specifies the start address of the RAM area where the write data
is stored.
・identifier_u08: Specifies the data ID of the write data.
EEL_CMD_READ
Note 1
This reads the specified data from the EEL blocks.
*The following arguments must be specified prior to execution.
・address_pu08:Specifies the start address of the RAM area where the read data
is stored.
・identifier_u08:Specifies the data ID of the read data.
EEL_CMD_VERIFY
Note 1,2
This performs internal verification to check signal levels of the active block. This
command verifies whether signal levels of flash memory cells are appropriate or
not.
EEL_CMD_REFRESH
Note1,3
This copies the latest stored data from the active EEL block (copy source block)
to the next block (copy destination block) in the EEL pool after the erase
processing. This makes the copy destination block active.
EEL_CMD_FORMAT
This initializes (erases) everything, including the data recorded in the EEL
blocks. Be sure to use this command before using EEPROM emulation for the
first time. Furthermore, use this command to initialize the entire blocks when an
error (such as no active block) has occurred in EEL blocks or when modifying
values in the descriptor table (unchangeable fixed values).
Because EEPROM emulation switches to the stopped state (opened) regardless
of the results after the processing finishes, execute the EEL_CMD_STARTUP
command to continue using EEPROM emulation.
EEL_CMD_SHUTDOWN
Note1
This sets EEPROM emulation to the stopped state (opened).
Note 1: Do not execute this command until the EEL_CMD_STARTUP command has finished normally.
Note 2: This command is not used to perform processing for reading written data and compare it. To compare
written data, use the EEL_Execute (EEL_CMD_READ) function through the user program.
Note 3: The erase processing is performed by executing the EEL_CMD_REFRESH command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com