Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG13 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RG13
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RG13 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RG13 Datasheet HTML 18Page - Renesas Technology Corp RG13 Datasheet HTML 19Page - Renesas Technology Corp RG13 Datasheet HTML 20Page - Renesas Technology Corp RG13 Datasheet HTML 21Page - Renesas Technology Corp RG13 Datasheet HTML 22Page - Renesas Technology Corp RG13 Datasheet HTML 23Page - Renesas Technology Corp RG13 Datasheet HTML 24Page - Renesas Technology Corp RG13 Datasheet HTML 25Page - Renesas Technology Corp RG13 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
RL78 Family
Chapter 3
EEL Functional Specifications
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 22 of 53
Mar. 28, 2014
[Overview of basic operation flow]
(1)FDL initialization processing (FDL_Init)
Because it is necessary to initialize the FDL parameters (RAM) if using the EEL to access the data flash memory,
the FDL_Init function must be executed in advance. If FSL processing was executed after this initialization
finished, the initialization processing must be re-executed.
(2) FDL preparation processing (FDL_Open)
Set the Data Flash Control Register (DFLCTL) to the state where accessing the data flash memory is
permitted(DFLEN = 1).
(3) EEL initialization processing (EEL_Init)
Initialize the parameters (RAM) used by the EEL.
(4) EEPROM emulation preparation processing (EEL_Open)
Set the data flash memory to a state (opened) for which control is enabled to execute EEPROM emulation.
(5) EEPROM emulation execution start processing (EEL_Execute: EEL_CMD_STARTUP command)
Set the system to a state (started) in which EEPROM emulation can be executed.
(6) EEPROM emulation data write processing (EEL_Execute: EEL_CMD_WRITE command)
Write the specified data to an EEL block.
(7) EEPROM emulation data read processing (EEL_Execute: EEL_CMD_READ command)
Read the specified data from an EEL block.
(8) EEPROM emulation refresh processing (EEL_Execute: EEL_CMD_REFRESH command)
The latest stored data is copied from the active block (copy source block) to the next block (copy destination
block) in the EEL pool after the erase processing. This makes the copy destination block active
(9) EEPROM emulation execution stop processing (EEL_Execute: EEL_CMD_SHUTDOWN command)
Set the EEPROM emulation operation to the stopped state (opened).
(10) EEPROM emulation end processing (EEL_Close)
Set the data flash memory to a state (closed) for which control is disabled to stop EEPROM emulation.
(11) FDL end processing (FDL_Close)
Set the Data Flash Control Register (DFLCTL) to the state where accessing the data flash memory is inhibited
(DFLEN = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com