Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG13 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RG13
Description  EEPROM Emulation Library
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RG13 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RG13 Datasheet HTML 20Page - Renesas Technology Corp RG13 Datasheet HTML 21Page - Renesas Technology Corp RG13 Datasheet HTML 22Page - Renesas Technology Corp RG13 Datasheet HTML 23Page - Renesas Technology Corp RG13 Datasheet HTML 24Page - Renesas Technology Corp RG13 Datasheet HTML 25Page - Renesas Technology Corp RG13 Datasheet HTML 26Page - Renesas Technology Corp RG13 Datasheet HTML 27Page - Renesas Technology Corp RG13 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
RL78 Family
Chapter 3
EEL Functional Specifications
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 24 of 53
Mar. 28, 2014
3.5
BGO(Back Ground Operation)function
The EEL_Execute function starts command processing and then immediately returns the control to the user
program. This allows the user program to run during the data flash operation and so is called back ground operation
(BGO).
The data flash read or write command processing is started by executing the EEL_Execute function, and the
processing is continued and completed by executing the EEL_Handler function. For this reason, the EEL_Handler
function must be executed continuously until the processing is completed.
To see if the processing requested from the EEL_Execute function has been successfully completed, call the
EEL_Handler function from the user program and check the status of ongoing processing.
The EEL_CMD_SHUTDOWN command does not require calling of the EEL_Handler function. However, we
recommend that you follow the command operation flowchart shown in figure 3-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com