Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4281DRG4 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4281DRG4
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DRG4 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4281DRG4 Datasheet HTML 1Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS, VS = 3 V (VS+ = 3 V, VS– = GND) (continued)
At G = +2, RF = 2.49 kΩ, and RL = 1 kΩ to 1.5 V, unless otherwise noted
TYP
OVER TEMPERATURE
–40°C
PARAMETER
CONDITIONS
0°C to
MIN/
+25°C
+25°C
to
UNITS
+70°C
MAX
+85°C
OUTPUT CHARACTERISTICS
RL = 10 kΩ
0.04/2.96
V
Typ
Output Voltage Swing
RL = 1 kΩ
0.1/2.9
0.14/2.86
0.2/2.8
0.2/2.8
V
Min
Output Current (Sourcing)
RL = 10 Ω
23
18
15
15
mA
Min
Output Current (Sinking)
RL = 10 Ω
29
22
19
19
mA
Min
Output Impedance
f = 1 MHz
1
Ω
Typ
POWER SUPPLY
Maximum Operating Voltage
3
16.5
16.5
16.5
V
Max
Minimum Operating Voltage
3
2.7
2.7
2.7
V
Min
Maximum Quiescent Current
0.75
0.9
0.98
1.0
mA
Max
Minimum Quiescent Current
0.75
0.6
0.57
0.55
mA
Min
VS+ = 3.25 V to 2.75 V,
Power-Supply Rejection (+PSRR)
90
70
65
65
dB
Min
VS– = 0 V
Power-Supply Rejection (–PSRR)
VS+ = 3 V, VS– = 0 V to 0.65 V
90
70
65
65
dB
Min
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com