Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4281DRG4 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # THS4281DRG4
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DRG4 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  THS4281DRG4 Datasheet HTML 1Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4281DRG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
+
−
100
2.5
ADS8320
10 nF
500
V BAT
Load
+IN
−IN
V OUT = I RSENSE
0.2
I
RSENSE
THS4281
470 pF
470 pF
VBAT
VBAT
W
kW
W
2.5 kW
500 W
W
VBAT/2
High-Side, Low Power Current-Sensing System
THS4281
www.ti.com
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT
VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
Check for Samples: THS4281
1
FEATURES
DESCRIPTION
23
•
Very Low Quiescent Current: 750
μA (at 5 V)
•
Rail-to-Rail Input and Output:
Fabricated using the BiCom-II process, the THS4281
is
a
low-power,
rail-to-rail
input
and
output,
–
Common-Mode Input Voltage Extends
voltage-feedback operational amplifier designed to
400 mV Beyond the Rails
operate over a wide power-supply range of 2.7-V to
–
Output Swings Within 150 mV From the
15-V single supply, and ±1.35-V to ±7.5-V dual
Rails
supply. Consuming only 750
μA with a unity gain
bandwidth of 90 MHz and a high 35-V/
μs slew rate,
•
Wide –3-dB Bandwidth at 5 V:
the THS4281 allows portable or other power-sensitive
–
90 MHz at Gain = +1, 40 MHz at Gain = +2
applications to realize high performance with minimal
•
High Slew Rate: 35 V/
μs
power. To ensure long battery life in portable
applications, the quiescent current is trimmed to be
•
Fast Settling Time (2-V Step):
less than 900
μA at +25°C, and 1 mA from –40°C to
–
78 ns to 0.1%
+85°C.
–
150 ns to 0.01%
The THS4281 is a true single-supply amplifier with a
•
Low Distortion at Gain = +2, VO = 2-VPP, 5 V:
specified common-mode input range of 400 mV
–
–91 dBc at 100 kHz, –67 dBc at 1 MHz
beyond the rails. This allows for high-side current
sensing
applications
without
phase
reversal
•
Input Offset Voltage: 2.5 mV (Max at +25°C)
concerns. Its output swings to within 40 mV from the
•
Output Current > 30 mA (10-
Ω Load, 5 V)
rails with 10-k
Ω loads, and 150 mV from the rails with
•
Low Voltage Noise of 12.5 nV/
√Hz
1-k
Ω loads.
•
Supply Voltages: +2.7 V, 3 V, +5 V, ±5 V, +15 V
The THS4281 has a good 0.1% settling time of 78 ns,
•
Packages: SOT23, MSOP, and SOIC
and 0.01% settling time of 150 ns. The low THD of
–87 dBc at 100 kHz, coupled with a maximum offset
APPLICATIONS
voltage of less than 2.5 mV, makes the THS4281 a
good match for high-resolution ADCs sampling less
•
Portable/Battery-Powered Applications
than 2 MSPS.
•
High Channel Count Systems
•
ADC Buffer
The THS4281 is offered in a space-saving SOT23-5
package, a small MSOP-8 package, and the industry
•
Active Filters
standard SOIC-8 package.
•
Current Sensing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FilterPro is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4281DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4281DRG4 TI-THS4281DRG4 Datasheet
1Mb / 31P
VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results

Similar Description - THS4281DRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
logo
Analog Devices
AD8040 AD-AD8040 Datasheet
649Kb / 20P
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
11/03-Data Sheet Changed from Rev. 0 to Rev. A
logo
Texas Instruments
THS4281 TI-THS4281 Datasheet
1Mb / 31P
VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
Output rail-to-rail very low noise operational amplifier
20-Dec-2007
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Analog Devices
AD8029 AD-AD8029 Datasheet
728Kb / 24P
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
Texas Instruments
THS4281 TI1-THS4281_14 Datasheet
1Mb / 38P
VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
Texas Instruments
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com