Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6554LEENOPB Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6554LEENOPB
Description  LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6554LEENOPB Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6554LEENOPB Datasheet HTML 2Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6554LEENOPB Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
FREQUENCY (MHz)
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1
10
100
1000
10000
CL=2.2 pF, RO=38:
CL=6.8 pF, RO=22:
CL=18 pF, RO=14:
CL=68 pF, RO=5:
VOD = 200 mVPP
CAPACITIVE LOAD (pF)
70
60
50
40
30
20
10
0
5
10
15
20
25
30
35
40
LOAD = 1k: || CAP LOAD
FREQUENCY (MHz)
6
4
2
0
-2
-4
-6
-8
-10
1
10
100
1000
10000
VOD = 0.2 VPP
RL = 200:
RL = 1k:
RL = 500:
FREQUENCY (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1
10
100
1000
10000
VOD = 0.2 VPP
VOD = 1.6 VPP
VOD = 2 VPP
FREQUENCY (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1
10
100
1000
10000
VOD = 0.2 VPP
RF = 200:
RF = 300:
RF = 250:
FREQUENCY (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1
10
1100
1000
10000
AV = 1 V/V
AV = 4 V/V
AV = 8 V/V
AV = 2 V/V
VOD = 0.2 VPP
LMH6554
SNOSB30O – OCTOBER 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics VS = ±2.5V
(TA = 25°C, RF = 200Ω, RG = 90Ω, RT = 76.8Ω, RL = 200Ω, AV = +2, for single ended in, differential out, unless specified).
Frequency Response
Frequency Response
vs.
vs.
RF
Gain
Figure 3.
Figure 4.
Frequency Response
Frequency Response
vs.
vs.
RL
Output Voltage (VOD)
Figure 5.
Figure 6.
Frequency Response
Suggested ROUT
vs.
vs.
Capacitive Load
Capacitive Load
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6554



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com