| Electronic Components Datasheet Search |
|
LMH6554LEENOPB Datasheet(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMH6554LEENOPB Datasheet(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 24 page ![]() RG RG RF RF RO + - RO LMH6554 IN- IN+ ADC V + V - VO + - RT RS RM VS AV, RIN a AV = 2(1 - E 1) E1 + E2 ¨ ¨ © § RIN = 2RG + RM (1-E2) 1 + E2 ¨ ¨ © § E2 = RG + RM RG + RF + RM ¨ ¨ © § ¨ ¨ © § E1 = RG RG + RF RS = RT || RIN RM= RT || RS VCM +- VS VCM RL=100: 200: 50: VEN a + - 200: 200: 200: 50: 67: 67: RS 50: RS 50: LMH6554 + VIN - - VOUT + RG RG RF RF RIN LMH6554 SNOSB30O – OCTOBER 2008 – REVISED MARCH 2013 www.ti.com Here is the expression for the input impedance, RIN, as defined in Figure 30: RIN = 2RG When driven from a differential source, the LMH6554 provides low distortion, excellent balance, and common mode rejection. This is true provided the resistors RF, RG and RO are well matched and strict symmetry is observed in board layout. With an intrinsic device CMRR of greater than 70 dB, using 0.1% resistors will give a worst case CMRR of around 50 dB for most circuits. The circuit configuration shown in Figure 30 was used to measure differential S-parameters in a 100 Ω environment at a gain of 1 V/V. Refer to Figure 28 in Typical Performance Characteristics VS = ±2.5V for measurement results. Figure 30. Differential S-Parameter Test Circuit Single Ended Input To Differential Output Operation In many applications, it is required to drive a differential input ADC from a single ended source. Traditionally, transformers have been used to provide single to differential conversion, but these are inherently bandpass by nature and cannot be used for DC coupled applications. The LMH6554 provides excellent performance as a single-ended input to differential output converter down to DC. Figure 31 shows a typical application circuit where an LMH6554 is used to produce a balanced differential output signal from a single ended source. Figure 31. Single Ended Input with Differential Output 12 Submit Documentation Feedback Copyright © 2008–2013, Texas Instruments Incorporated Product Folder Links: LMH6554 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |