Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC114TM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTC114TM
Description  NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC114TM Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTC114TM Datasheet HTML 1Page - NXP Semiconductors PDTC114TM Datasheet HTML 2Page - NXP Semiconductors PDTC114TM Datasheet HTML 3Page - NXP Semiconductors PDTC114TM Datasheet HTML 4Page - NXP Semiconductors PDTC114TM Datasheet HTML 5Page - NXP Semiconductors PDTC114TM Datasheet HTML 6Page - NXP Semiconductors PDTC114TM Datasheet HTML 7Page - NXP Semiconductors PDTC114TM Datasheet HTML 8Page - NXP Semiconductors PDTC114TM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PDTC114T_SER_8
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 08 — 9 February 2006
4 of 11
Philips Semiconductors
PDTC114T series
NPN resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 60
µm copper strip line, standard footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 60
µm copper strip line, standard footprint.
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
IO
output current
-
100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT416
[1] -
150
mW
SOT346
[1] -
250
mW
SOT883
[2] [3] -
250
mW
SOT54
[1] -
500
mW
SOT23
[1] -
250
mW
SOT323
[1] -
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Table 7:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT416
[1] -
-
833
K/W
SOT346
[1] -
-
500
K/W
SOT883
[2] [3] -
-
500
K/W
SOT54
[1] -
-
250
K/W
SOT23
[1] -
-
500
K/W
SOT323
[1] -
-
625
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com