Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC114TM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDTC114TM
Description  NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC114TM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDTC114TM Datasheet HTML 3Page - NXP Semiconductors PDTC114TM Datasheet HTML 4Page - NXP Semiconductors PDTC114TM Datasheet HTML 5Page - NXP Semiconductors PDTC114TM Datasheet HTML 6Page - NXP Semiconductors PDTC114TM Datasheet HTML 7Page - NXP Semiconductors PDTC114TM Datasheet HTML 8Page - NXP Semiconductors PDTC114TM Datasheet HTML 9Page - NXP Semiconductors PDTC114TM Datasheet HTML 10Page - NXP Semiconductors PDTC114TM Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© Koninklijke Philips Electronics N.V. 2006
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 9 February 2006
Document number: PDTC114T_SER_8
Published in The Netherlands
Philips Semiconductors
PDTC114T series
NPN resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
16. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 4
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6
9
Packing information. . . . . . . . . . . . . . . . . . . . . . 7
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 8
11
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 10
12
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
13
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
14
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
15
Contact information . . . . . . . . . . . . . . . . . . . . 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com