Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC114TM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC114TM
Description  NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC114TM Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC114TM Datasheet HTML 1Page - NXP Semiconductors PDTC114TM Datasheet HTML 2Page - NXP Semiconductors PDTC114TM Datasheet HTML 3Page - NXP Semiconductors PDTC114TM Datasheet HTML 4Page - NXP Semiconductors PDTC114TM Datasheet HTML 5Page - NXP Semiconductors PDTC114TM Datasheet HTML 6Page - NXP Semiconductors PDTC114TM Datasheet HTML 7Page - NXP Semiconductors PDTC114TM Datasheet HTML 8Page - NXP Semiconductors PDTC114TM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PDTC114T_SER_8
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 08 — 9 February 2006
5 of 11
Philips Semiconductors
PDTC114T series
NPN resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
7.
Characteristics
Table 8:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB =0A
-
-
1
µA
VCE =30V; IB =0A;
Tj = 150 °C
--
50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =5V; IC = 1 mA
200
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
150
mV
R1
bias resistor 1 (input)
7
10
13
k
Ω
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
-
-
2.5
pF
VCE =5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Collector-emitter saturation voltage as a
function of collector current; typical values
006aaa552
200
400
600
hFE
0
IC (mA)
10−1
102
10
1
(1)
(2)
(3)
006aaa553
IC (mA)
10−1
102
10
1
10−1
1
VCEsat
(V)
10−2
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com