Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV981MFNOPB Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981MFNOPB
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MFNOPB Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV981MFNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 14Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 15Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 16Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 17Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 18Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 19Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
LMV981-N, LMV982-N
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
In Figure 33 the circuit is referenced to ground, while in Figure 34 the circuit is biased to the positive supply.
These configurations implement the half wave rectifier since the LMV981-N/LMV982 can not respond to one-half
of the incoming waveform. It can not respond to one-half of the incoming because the amplifier can not swing the
output beyond either rail therefore the output disengages during this half cycle. During the other half cycle,
however, the amplifier achieves a half wave that can have a peak equal to the total supply voltage. RI should be
large enough not to load the LMV981-N/LMV982.
Figure 33. Half-Wave Rectifier with Rail-to-Ground Output Swing Referenced to Ground
Figure 34. Half-Wave Rectifier with Negative-Going Output Swing Referenced to VCC
Instrumentation Amplifier with Rail-to-Rail Input and Output
Some manufactures make a non-“rail-to-rail”-op amp rail-to-rail by using a resistive divider on the inputs. The
resistors divide the input voltage to get a rail-to-rail input range. The problem with this method is that it also
divides the signal, so in order to get the obtained gain, the amplifier must have a higher closed loop gain. This
raises the noise and drift by the internal gain factor and lowers the input impedance. Any mismatch in these
precision resistors reduces the CMRR as well. The LMV981-N/LMV982 is rail-to-rail and therefore doesn’t have
these disadvantages.
Using three of the LMV981-N/LMV982 amplifiers, an instrumentation amplifier with rail-to-rail inputs and outputs
can be made as shown in Figure 35.
In this example, amplifiers on the left side act as buffers to the differential stage. These buffers assure that the
input impedance is very high and require no precision matched resistors in the input stage. They also assure that
the difference amp is driven from a voltage source. This is necessary to maintain the CMRR set by the matching
R1-R2 with R3-R4. The gain is set by the ratio of R2/R1 and R3 should equal R1 and R4 equal R2. With both rail-to-
rail input and output ranges, the input and output are only limited by the supply voltages. Remember that even
with rail-to-rail outputs, the output can not swing past the supplies so the combined common mode voltages plus
the signal should not be greater that the supplies or limiting will occur. For additional applications, see Texas
Instruments application notes AN–29, AN–31, AN–71, and AN–127.
Figure 35. Rail-to-rail instrumentation amplifier
16
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMV981-N LMV982-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com