Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV981MFNOPB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981MFNOPB
Description  Dual 1.8V, RRIO Operational Amplifiers with Shutdown
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981MFNOPB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV981MFNOPB Datasheet HTML 1Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 2Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMV981MFNOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LMV981-N, LMV982-N
www.ti.com
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
2.7V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 2.7V, V − = 0V, V
CM = V
+/2, V
O = V
+/2, R
L > 1 MΩ and SHDN
tied to V
+. Boldface limits apply at the temperature extremes. See (1).
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
CMRR
Common Mode Rejection Ratio
LMV981-N, 0
≤ VCM ≤ 1.5V
60
81
2.3V
≤ VCM ≤ 2.7V
(4)
55
LMV982, 0
≤ VCM ≤ 1.5V
55
80
dB
2.3V
≤ VCM ≤ 2.7V
(4)
50
−0.2V ≤ VCM ≤ 0V
50
74
2.7V
≤ VCM ≤ 2.9V
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V
75
100
dB
VCM = 0.5V
70
CMVR
Input Common-Mode Voltage
For CMRR
TA = 25°C
V−
−0.2
−0.2 to 3.0
V ++0.2
Range
Range
≥ 50dB
TA = −40°C to 85°C
V−
V+
V
TA = 125°C
V− +0.2
V +
−0.2
AV
Large Signal Voltage Gain
RL = 600Ω to 1.35V,
87
104
LMV981-N(Single)
VO = 0.2V to 2.5V
86
RL = 2kΩ to 1.35V,
92
110
VO = 0.2V to 2.5V
91
dB
Large Signal Voltage Gain
RL = 600Ω to 1.35V,
78
90
LMV982 (Dual)
VO = 0.2V to 2.5V
75
RL = 2kΩ to 1.35V,
81
100
VO = 0.2V to 2.5V
78
VO
Output Swing
RL = 600Ω to 1.35V
2.55
2.62
VIN = ±100mV
2.53
0.083
0.110
0.130
V
RL = 2kΩ to 1.35V
2.65
2.675
VIN = ±100mV
2.64
0.025
0.04
0.045
IO
Output Short Circuit Current
Sourcing, VO = 0V
20
30
(5)
VIN = 100mV
15
mA
Sinking, VO = 0V
18
25
VIN = −100mV
12
Ton
Turn-on Time from Shutdown
12.5
μs
VSHDN
Turn-on Voltage to enable part
1.9
V
Turn-off Voltage
0.8
(4)
For ensured temperature ranges, see Input Common-Mode Voltage Range specifications.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45mA over long term may adversely affect
reliability.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV981-N LMV982-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com