Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA334AIDBVT Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA334AIDBVT
Description  0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA334AIDBVT Datasheet(HTML) 2 Page - National Semiconductor (TI)

  OPA334AIDBVT Datasheet HTML 1Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 2Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 3Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 4Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 5Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
Shutdown Version
OPA334
SOT23-6
DBV
–40
°C to +125°C
OAOI
OPA334AIDBVT
Tape and Reel, 250
""
"
"
"
OPA334AIDBVR
Tape and Reel, 3000
OPA2334
MSOP-10
DGS
–40
°C to +125°C
BHE
OPA2334AIDGST
Tape and Reel, 250
""
"
"
"
OPA2334AIDGSR
Tape and Reel, 2500
Non-Shutdown Version
OPA335
SOT23-5
DBV
–40
°C to +125°C
OAPI
OPA335AIDBVT
Tape and Reel, 250
""
"
"
"
OPA335AIDBVR
Tape and Reel, 3000
OPA335
SO-8
D
–40
°C to +125°C
OPA335
OPA335AID
Rails, 100
""
"
"
"
OPA335AIDR
Tape and Reel, 2500
OPA2335
SO-8
D
–40
°C to +125°C
OPA2335
OPA2335AID
Rails, 100
""
"
"
"
OPA2335AIDR
Tape and Reel, 2500
OPA2335
MSOP-8
DGK
–40
°C to +125°C
BHF
OPA2335AIDGKT
Tape and Reel, 250
""
"
"
"
OPA2335AIDGKR
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
Supply Voltage .................................................................................... +7V
Signal Input Terminals, Voltage(2) ........................... –0.5V to (V+) + 0.5V
Current(2) ..................................................
±10mA
Output Short Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –40
°C to +150°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. These are stress ratings only, and functional opera-
tion of the device at these, or any other conditions beyond those specified,
is not implied. (2) Input terminals are diode-clamped to the power-supply
rails. Input signals that can swing more than 0.5V beyond the supply rails
should be current-limited to 10mA or less. (3) Short-circuit to ground, one
amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PIN CONFIGURATIONS
NOTES: (1) NC indicates no internal connection. (2) Pin 1 of the SOT23-6 is
determined by orienting the package marking as indicated in the diagram.
1
2
3
5
4
V+
–In
Out
V–
+In
OPA335
SOT23-5
1
2
3
4
8
7
6
5
NC(1)
V+
Out
NC(1)
NC(1)
–In
+In
V–
OPA335
SO-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2335
SO-8, MSOP-8
A
B
1
2
3
6
5
4
V+
Enable
–In
Out
V–
+In
OPA334(2)
SOT23-6
1
2
3
4
5
10
9
8
7
6
V+
Out B
–In B
+In B
Enable B
Out A
–In A
+In A
V–
Enable A
OPA2334
MSOP-10
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com