Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA334AIDBVT Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA334AIDBVT
Description  0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA334AIDBVT Datasheet(HTML) 3 Page - National Semiconductor (TI)

  OPA334AIDBVT Datasheet HTML 1Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 2Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 3Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 4Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 5Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
OPA334AI, OPA335AI
OPA2334AI, OPA2335AI
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, and VOUT = VS /2, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VCM = VS/2
1
5
µV
vs Temperature
dVOS /dT
±0.02
±0.05
µV/
°C
vs Power Supply
PSRR
VS = +2.7V to +5.5V, VCM = 0, Over Temperature
±1
±2
µV/V
Long-Term Stability(1)
See Note (1)
Channel Separation, dc
0.1
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
VCM = VS/2
±70
±200
pA
Over Temperature
1nA
Input Offset Current
IOS
±120
±400
pA
NOISE
Input Voltage Noise, f = 0.01Hz to 10Hz
en
1.4
µV
PP
Input Current Noise Density, f = 10Hz
in
20
fA/√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.1
(V+) – 1.5
V
Common-Mode Rejection Ratio
CMRR
(V–) – 0.1V < VCM < (V+) – 1.5V, Over Temperature
110
130
dB
INPUT CAPACITANCE
Differential
1pF
Common-Mode
5pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain, Over Temperature AOL
50mV < VO < (V+) – 50mV, RL = 100kΩ, VCM = VS/2
110
130
dB
Over Temperature
100mV < VO < (V+) – 100mV, RL = 10kΩ, VCM = VS/2
110
130
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
2
MHz
Slew Rate
SR
G = +1
1.6
V/
µs
OUTPUT
Voltage Output Swing from Rail
RL = 10kΩ, Over Temperature
15
100
mV
Voltage Output Swing from Rail
RL = 100kΩ, Over Temperature
1
50
mV
Short-Circuit Current
ISC
±50
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
SHUTDOWN
tOFF
1
µs
tON(2)
150
µs
VL (shutdown)
0
+0.8
V
VH (amplifier is active)
0.75 (V+)
5.5
V
Input Bias Current of Enable Pin
50
pA
IQSD
2
µA
POWER SUPPLY
Operating Voltage Range
2.7
5.5
V
Quiescent Current: OPA334, OPA335
IQ
IO = 0
285
350
µA
Over Temperature
450
µA
OPA2334, OPA2335 (total—two amplifiers)
IO = 0
570
700
µA
Over Temperature
900
µA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–40
+150
°C
Storage Range
–65
+150
°C
Thermal Resistance
θ
JA
°C/W
SOT23-5, SOT23-6 Surface-Mount
200
°C/W
MSOP-8, MSOP-10, SO-8 Surface-Mount
150
°C/W
NOTES: (1) 500-hour life test at 150
°C demonstrated randomly distributed variation approximately equal to measurement repeatability of 1µV. (2) Device requires
one complete cycle to return to VOS accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com