Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA334AIDBVT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA334AIDBVT
Description  0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA334AIDBVT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  OPA334AIDBVT Datasheet HTML 1Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 2Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 3Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 4Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 5Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA334AIDBVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
Absolute Value;
Centered Around Zero
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
0
1200
1000
800
600
400
200
0
2.5
3.0
2.0
1.5
1.0
0.5
Common-Mode Voltage (V)
3.5
–40
°C
+25
°C
+125
°C
INPUT BIAS CURRENT vs TEMPERATURE
1000
100
10
Temperature (
°C)
–40
40
20
0
–20
120
100
80
60
QUIESCENT CURRENT (per channel)
vs TEMPERATURE
–40
400
350
300
250
200
150
100
50
0
40
20
0
–20
Temperature (
°C)
120
100
80
60
V
S = +5.5V
V
S = +2.7V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V+)
(V+) – 1
(V–) + 1
(V–)
02
4
6
8
10
Output Current (mA)
+125
°C
5.5V
2.7V
+25
°C
–40
°C
+125
°C
+25
°C
–40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com