Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5165 Datasheet(PDF) 12 Page - Cherry Semiconductor Corporation

Part # CS5165
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165 Datasheet(HTML) 12 Page - Cherry Semiconductor Corporation

Back Button CS5165 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 16Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Figure 15: PWRGD signal becomes logic high as VOUT enters -8.5% of
lower PWRGD threshold, VOUT = +2.84V (DAC = 10111)
Figure 16: Power Good response to an out of regulation condition.
Figure 16 shows the relationship between the regulated
output voltage VFB and the Power Good signal. To prevent
Power Good from interrupting the CPU unnecessarily, the
CS5165 has a built-in delay to prevent noise at the VFB pin
from toggling Power Good. The internal time delay is
designed to take about 75µs for Power Good to go low and
65µs for it to recover. This allows the Power Good signal to
be completely insensitive to out of regulation conditions
that are present for a duration less than the built in delay
(see figure 17).
It is therefore required that the output voltage attains an
out of regulation or in regulation level for at least the built-
in delay time duration before the Power Good signal can
change state.
Figure 17: Power Good is insensitive to out of regulation conditions
that are present for a duration less than the built in delay.
Selecting External Components
The CS5165 buck regulator can be used with a wide range
of external power components to optimize the cost and
performance of a particular design. The following informa-
tion can be used as general guidelines to assist in their
selection.
NFET Power Transistors
Both logic level and standard FETs can be used. The refer-
ence designs derive gate drive from the 12V supply which
is generally available in most computer systems and utilize
logic level FETs. A charge pump may be easily implement-
ed to support 5V only systems. Multiple FET’s may be par-
alleled to reduce losses and improve efficiency and ther-
mal management.
Voltage applied to the FET gates depends on the applica-
tion circuit used. Both upper and lower gate driver outputs
are specified to drive to within 1.5V of ground when in the
low state and to within 2V of their respective bias supplies
when in the high state. In practice, the FET gates will be
driven rail to rail due to overshoot caused by the capacitive
load they present to the controller IC. For the typical appli-
cation where VCC = 12V and 5V is used as the source for
the regulator output current, the following gate drive is
provided:
VGS (TOP) = 12V - 5V = 7V, VGS(BOTTOM) = 12V (see Figure 18).
Trace 1 PWRGD (2V/div)
Trace 4 VFB (1V/div)
Trace 1 PWRGD (2V/div)
Trace 4 VFB (1V/div)
Trace 2 - PWRGD (2V/div)
Trace 4 - VOUT (1V/div)
12
Application Information: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com