Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5165 Datasheet(PDF) 14 Page - Cherry Semiconductor Corporation

Part # CS5165
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165 Datasheet(HTML) 14 Page - Cherry Semiconductor Corporation

Back Button CS5165 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 18Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
“Droop” Resistor for Adaptive Voltage Positioning
Adaptive voltage positioning is used to help keep the out-
put voltage within specification during load transients. To
implement adaptive voltage positioning a “Droop
Resistor” must be connected between the output inductor
and output capacitors and load. This resistor carries the full
load current and should be chosen so that both DC and AC
tolerance limits are met. An embedded PC trace resistor
has the distinct advantage of near zero cost implementa-
tion. However, this droop resistor can vary due to three
reasons: 1) the sheet resistivity variation causes the thick-
ness of the PCB layer to vary. 2) the mismatch of L/W, and
3) temperature variation.
1) Sheet Resistivity
for one ounce copper, the thickness variation is
typically 1.15 mil to 1.35 mil. Therefore the error due to
sheet resistivity is:
= 16%
2) Mismatch due to L/W
The variation in L/W is governed by variations due to
the PCB manufacturing process that affect the
geometry and the power dissipation capability of the
droop resistor. The error due to L/W mismatch is
typically 1%
3) Thermal Considerations
Due to I2 × R power losses the surface temperature of
the droop resistor will increase causing the resistance
to increase. Also, the ambient temperature variation
will contribute to the increase of the resistance,
according to the formula:
R = R20 [1+ α20(Τ−20)]
where:
R20 = resistance at 20˚C
α =
T= operating temperature
R = desired droop resistor value
For temperature T = 50˚C,
the % R change = 12%
Droop Resistor Tolerance
Tolerance due to sheet resistivity variation
16%
Tolerance due to L/W error
1%
Tolerance due to temperature variation
12%
Total tolerance for droop resistor
29%
In order to determine the droop resistor value the nominal
voltage drop across it at full load has to be calculated. This
voltage drop has to be such that the output voltage full
load is above the minimum DC tolerance spec.
VDROOP(TYP) =
Example: for a 300MHz Pentium®II, the DC accuracy spec
is 2.74 < VCC(CORE) < 2.9V, and the AC accuracy spec is
2.67V < VCC(CORE) <2.93V. The CS5165 DAC output voltage
is +2.812V < VDAC < +2.868V. In order not to exceed the DC
accuracy spec, the voltage drop developed across the resis-
tor must be calculated as follows:
VDROOP(TYP)=
=
= 56mV
With the CS5165 DAC accuracy being 1%, the internal error
amplifier’s reference voltage is trimmed so that the output
voltage will be 40mV high at no load. With no load, there is
no DC drop across the resistor, producing an output volt-
age tracking the error amplifier output voltage, including
the offset. When the full load current is delivered, a drop of
-56mV is developed across the resistor. Therefore, the regu-
lator output is pre-positioned at 40mV above the nominal
output voltage before a load turn-on. The total voltage
drop due to a load step is ∆V-40mV and the deviation from
the nominal output voltage is 40mV smaller than it would
be if there was no droop resistor. Similarly at full load the
regulator output is pre-positioned at 16mV below the nom-
inal voltage before a load turn-off. the total voltage
increase due to a load turn-off is ∆V-16mV and the devia-
tion from the nominal output voltage is 16mV smaller than
it would be if there was no droop resistor. This is because
the output capacitors are pre-charged to value that is either
40mV above the nominal output voltage before a load turn-
on or, 16mV below the nominal output voltage before a
load turn-off (see figure 7).
Obviously, the larger the voltage drop across the droop
resistor ( the larger the resistance), the worse the DC and
load regulation, but the better the AC transient response.
Design Rules for Using a Droop Resistor
The basic equation for laying an embedded resistor is:
RAR = ρ ×
or R = ρ ×
L
(W × t)
L
A
2.812V-2.74V
1.3
[VDAC(MIN)-VDC PENTIUM®II(MIN)]
1+RDROOP(TOLERANCE)
[VDAC(MIN)-VDC(MIN)]
1+RDROOP(TOLERANCE)
0.00393
˚C
1.35 - 1.15
1.25
Application Information: continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com