Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5165 Datasheet(PDF) 17 Page - Cherry Semiconductor Corporation

Part # CS5165
Description  Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5165 Datasheet(HTML) 17 Page - Cherry Semiconductor Corporation

Back Button CS5165 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 12Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 13Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 14Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 15Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 16Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 17Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 18Page - Cherry Semiconductor Corporation CS5165 Datasheet HTML 19Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
1.34 1.39 1.44 1.49 1.54 1.59 1.64 1.69 1.74 1.79 1.84 1.89 1.94 1.99 2.04 2.09
DAC Output Voltage Setting (V)
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
Figure 24: Percent Output Error vs DAC Voltage Setting,
VCC = 12V, TA = 25˚C, VID4 = 0
2.14 2.24 2.34 2.44 2.54 2.64 2.74 2.84 2.94 3.04 3.14 3.24 3.34 3.44 3.54
DAC Output Voltage Setting (V)
0.05
0
-0.05
-0.1
-0.15
-0.2
-0.25
Figure 25: Percent Output Error vs. DAC Output Voltage Setting
VCC = 12V, TA = 25˚C, VID4 = 1
Typical Performance Characteristics
Figure 22: GATE(H) &GATE(L) Falltime vs. Load Capacitance
200
160
140
120
100
80
60
40
0
180
0
2000
4000
6000
8000
10000 12000 14000 16000
VCC=12V
TA=25C˚
Load Capacitance (pF)
20
Figure 23: DAC Output Voltage vs Temperature, DAC Code = 10111,
VCC = 12V
120
100
80
60
40
20
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
Junction Temperature (˚C)
0
200
180
160
140
120
100
80
60
40
20
0
0
2000
4000
6000
8000
10000
12000 14000 16000
VCC=12V
TA=25C˚
Load Capacitance (pF)
Figure 20: GATE(L) Risetime vs. Load Capacitance
Figure 21: GATE(H) Risetime vs. Load Capacitance
0
2000
4000
6000
8000 10000 12000 14000 16000
200
180
160
140
120
100
80
60
40
20
0
VCC=12V
TA=25C˚
Load Capacitance (pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com